| 전자부품 데이터시트 검색엔진 |
|
R5F5631ADDFB 데이터시트(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB 데이터시트(HTML) 25 Page - Renesas Technology Corp |
|
25 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 25 of 106 Dec 27, 2011 RX63N Group, RX631 Group 1. Overview Under development Preliminary document Specifications in this document are tentative and subject to change. C14 VSS C15 SDCLK P70 D1 P01 TMCI0 RXD6/SMISO6/SSCL6 IRQ9 AN019 D2 P02 TMCI1 SCK6 IRQ10 AN020 D3 P03 IRQ11 DA0 D4 P00 TMRI0 TXD6/SMOSI6/SSDA6 IRQ8 AN018 D5 P44 IRQ12-DS AN004 D6 P93 A19/D19 CTS7#/RTS7#/SS7# AN017 D7 P95 A21/D21 D8 VSS D9 PD5 D5[A5/D5] MTIC5W/POE2# SSLC1 IRQ5 AN013 D10 PD7 D7[A7/D7] MTIC5U/POE0# SSLC3 IRQ7 AN7 D11 P61 CS1#/SDCS# D12 PE5 D13[A13/D13] MTIOC4C/MTIOC2B/ TIOCB10 ET_RX_CLK/REF50CK/ RSPCKB IRQ5 AN3 D13 VCC D14 PE7 D15[A15/D15] TIOCB11 MISOB IRQ7 AN5 D15 P65 CS5#/CKE E1 PJ5 E2 EMLE E3 PF5 IRQ4 E4 VSS E5*1 NC E12 PE6 D14[A14/D14] TIOCA11 MOSIB IRQ6 AN4 E13 TRDATA0 PG2 D26 E14 TRDATA1 PG3 D27 E15 P67 CS7#/DQM1 CRX2*3 IRQ15 F1 VBATT F2 VCL F3 PJ3 MTIOC3C CTS6#/RTS6#/CTS0#/ RTS0#/SS6#/SS0# F4 BSCANP F12 P66 CS6#/DQM0 CTX2*3 F13 TRSYNC# PG4 D28 F14 PA0 A0/BC0#/DQM2 MTIOC4A/TIOCA0/PO16 ET_TX_EN/ RMII_TXD_EN/SSLA1 F15 VSS G1 XCIN G2 XCOUT G3 MD/FINED G4 TRST# PF4 G12 TRCLK PG5 D29 G13 TRDATA2 PG6 D30 G14 PA1 A1/DQM3 MTIOC0B/MTCLKC/ TIOCB0/PO17 ET_WOL/SCK5/SSLA2 IRQ11 G15 VCC H1 XTAL P37 H2 VSS Table 1.5 List of Pin and Pin Functions (177-Pin TFLGA, 176-Pin LFBGA) (2/5) Pin Number Power Supply Clock System Control I/O Port Bus EXDMAC Timer Communications Interrupt S12AD, AD, DA 177-Pin TFLGA 176-Pin LFBGA (MTU, TPU, TMR, PPG, RTC, POE) (ETHERC, SCIc, SCId, RSPI, RIIC, CAN, IEB, USB) |