| 전자부품 데이터시트 검색엔진 |
|
MICRF002 데이터시트(PDF) 2 Page - Micrel Semiconductor |
|
|
|||||||||||||||||||||||||||||
MICRF002 데이터시트(HTML) 2 Page - Micrel Semiconductor |
|
2 / 17 page ![]() Micrel, Inc. MICRF002/RF022 July 2008 2 M9999-070808 Typical Application SEL0 SEL0 SWEN VSSRF REFOSC VSSRF SEL1 ANT CAGC VDDRF WAKEB VDDBB SHUT CTH DO NC VSSBB 0.047µF 4.8970MHz Data Output MICRF002 4.7µF +5V 15nH 10pF 68nH 1/4 Wave Monopole 315MHz 800bps On-Off Keyed Receiver Pin Configuration 1 SEL0 VSSRF VSSRF ANT VDDRF VDDBB CTH NC 16 SWEN REFOSC SEL1 CAGC WAKEB SHUT DO VSSBB 15 14 13 12 11 10 9 2 3 4 5 6 7 8 1 VSSRF ANT VDDRF CTH 8 REFOSC CAGC SHUT/WAKEB DO 7 6 5 2 3 4 16-Pin SOIC (M) 8-Pin SOIC (M) 8-Pin Options The standard 16-pin package allows complete control of all configurable features. Some reduced function 8-pin versions are also available, see “Ordering Information” on page 1. For high-volume applications additional customized 8-pin devices can be produced. SWEN, SEL0 and SEL1 pins are internally bonded to reduce the pin count; pin 6 may be configured as either SHUT or WAKEB Demodulator Bandwidth SEL0 SEL1 Sweep-Mode Fixed-Mode 1 1 5000Hz 10000Hz 0 1 2500Hz 5000Hz 1 0 1250Hz 2500Hz 0 0 625Hz 1250Hz Table 1. Nominal Demodulator Filter Bandwidth vs. SEL0, SEL1 and Operating Mode |