| 전자부품 데이터시트 검색엔진 |
|
IXTP110N055T2 데이터시트(PDF) 5 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXTP110N055T2 데이터시트(HTML) 5 Page - IXYS Corporation |
|
5 / 11 page ![]() DC to DC Synchronous Converter Design Abdus Sattar, IXYS Corporation IXAN0068 5 Overview of Synchronous Converter Power Loss: [1] The losses in the synchronous converter’s power switches can be defined by: BD Gate SW C Total P P P P P + + + = (8) Where PC is the conduction loss, Psw is the switching power loss, PGate is the gate drive loss and PBD is the body diode loss. In addition, inductor equivalent DC resistance losses and output capacitor’s ESR loss play significant role in the converter design. MOSFET Q1 and Q2’s Power Loss: [1] The conduction losses: (replace D to 1-D for Sync FET, Q2): ) ( 2 ) ( on DS O C R D I P • = (9) The gate-charge losses: s g GS C g f Q V P • • = − (10) The switching losses: Figure 5: Transitions waveforms of MOSFET for inductive load The switching loss is, ) ( ) ( off t on t Switching P P P + = 2 ] } { [ ) ( ) ( ) ( ) ( (max) s off t off DS on t on DS DS f t I t I V • • + • = (11) MOSFET Body Diode Loss: [1] The body diode loss is a function of dead time and in every switching cycle; there are two dead-time intervals, td1 and td2. The dead-time is defined as the time required when both the MOSFETs Q1 and Q2 are OFF in order to prevent shoot-through. |