전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OSB563S3C1A 데이터시트(PDF) 1 Page - OptoSupply International

부품명 OSB563S3C1A
상세설명  3.5x2.8x1.9mm Super Blue Power Top SMD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OPTOSUPPLY [OptoSupply International]
홈페이지  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSB563S3C1A 데이터시트(HTML) 1 Page - OptoSupply International

  OSB563S3C1A_11 Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optoupply.com
VER A.0
3
3..5
5x
x2
2..8
8x
x1
1..9
9m
mm
m S
Su
up
pe
er
r B
Bllu
ue
e P
Po
ow
we
er
r T
To
op
p S
SM
MD
D
L
LE
ED
D
OSB563S3C1A
■Features
■Outline Dimension
●
High Luminous P
PL
LC
CC
C44 P
Poow
weerr T
Toopp S
SM
MD
D LEDs
●
33..55xx22..88xx11..99mm Standard Directivity
●
Superior Weather-resistance
●
UV Resistant Silicone
●
Water Clear Type
■Applications
●
Backlighting (switches, keys, etc.)
●
Marker lights (e.g. steps, exit ways, etc.)
●
Signal and Channel Letter
●
Marker lights (e.g. steps, exit ways, etc.)
●
Other Lighting
1.9
2.8
0.1Typ.
2.2
0.75
4
3
2
1
4
3
1
2
4.Anode
1,2,3. Cathode
Unit:mm
Tolerance:±0.30mm
■Absolute Maximum Rating
(Ta=25℃)
■Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
30
mA
Pulse Forward Current*
IFP
100
mA
Reverse Voltage
VR
15
V
Power Dissipation
PD
324
mW
Operating Temperature
Topr
-30 ~ +85
℃
Storage Temperature
Tstg
-40~ +100
℃
Lead Soldering Temperature
Tsol
260
℃/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
0
0
■Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=20mA
8.7
9.3
10.8
V
DC Reverse Current
IR
VR=15V
-
-
10
µA
Domi. Wavelength
λD
IF=20mA
465
470
475
nm
Luminous Intensity*
Iv
IF=20mA
1120
1560
-
mcd
50% Power Angle
2θ1/2
IF=20mA
-
120
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


유사한 부품 번호 - OSB563S3C1A_11

제조업체부품명데이터시트상세설명
logo
OptoSupply Internationa...
OSB563S3C1A OPTOSUPPLY-OSB563S3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Super Blue Power Top SMD LED
More results

유사한 설명 - OSB563S3C1A_11

제조업체부품명데이터시트상세설명
logo
OptoSupply Internationa...
OSB5SAS1C1A OPTOSUPPLY-OSB5SAS1C1A Datasheet
100Kb / 1P
3.5x2.8x1.9mm Super Blue SMD LED
OSB5SLS3C1A OPTOSUPPLY-OSB5SLS3C1A Datasheet
99Kb / 1P
3.5x2.8x1.9mm Super Blue SMD LED
OSB5XLS3C1H OPTOSUPPLY-OSB5XLS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Blue Power Top H SMD LED
OSB5STS5C1A OPTOSUPPLY-OSB5STS5C1A Datasheet
158Kb / 1P
3.5x2.8x1.9mm Super Blue Top SMD LED
OSB56LS3C1A OPTOSUPPLY-OSB56LS3C1A Datasheet
105Kb / 1P
3.5x2.8x1.9mm Power Top Blue SMD LED
OSB563S3C1A OPTOSUPPLY-OSB563S3C1A Datasheet
109Kb / 1P
3.5x2.8x1.9mm Super Blue Power Top SMD LED
OSR7CAS3C1A OPTOSUPPLY-OSR7CAS3C1A Datasheet
112Kb / 1P
3.5x2.8x1.9mm Power Top Red SMD LED
OSB5SAS1C1A OPTOSUPPLY-OSB5SAS1C1A_11 Datasheet
109Kb / 1P
3.5x2.8x1.9mm Super Blue SMD
OSB56LS3C1A OPTOSUPPLY-OSB56LS3C1A_11 Datasheet
109Kb / 1P
3.5x2.8x1.9mm Power Top Blue SMD
OSO5CAS3C1A OPTOSUPPLY-OSO5CAS3C1A_11 Datasheet
112Kb / 1P
3.5x2.8x1.9mm Power Top Commercial Orange SMD
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com