| 전자부품 데이터시트 검색엔진 |
|
OSR5MAS1C1A 데이터시트(PDF) 1 Page - OptoSupply International |
|
|
|||||||||||||||||||||||||||||
OSR5MAS1C1A 데이터시트(HTML) 1 Page - OptoSupply International |
|
|
1 / 1 page ![]() http://www.optosupply.com VER A.0 3 3..5 5x x2 2..8 8x x1 1..9 9m mm m Phoenix Red S SM MD D L LE ED D OSR5MAS1C1A ■ Features ■ Outline Dimension ● High Luminous PLCC2 Top SMD LEDs ● 33..55xx22..88xx11..99mm Standard Directivity ● Superior Weather-resistance ● UV Resistant Silicone ● Water Clear Type ■ Applications ● Backlighting (switches, keys, etc.) ● Marker lights (e.g. steps, exit ways, etc.) ● Signal and Channel Letter ● Marker lights (e.g. steps, exit ways, etc.) ● Other Lighting 1.9 2.8 2.2 0.1Typ. Cathode Unit:mm Tolerance:±0.20mm ■ Absolute Maximum Rating (Ta=25 ) ℃ ■ Directivity Item Symbol Value Unit DC Forward Current IF 50 mA Pulse Forward Current* IFP 120 mA Reverse Voltage VR 5 V Power Dissipation PD 130 mW Operating Temperature Topr -30 ~ +85 ℃ Storage Temperature Tstg -40~ +100 ℃ Lead Soldering Temperature Tsol 260 ℃/5sec - *Pulse width Max.10ms Duty ratio max 1/10 0 0 ■ Electrical -Optical Characteristics (Ta=25 ) ℃ ■Maximum Forward Current Item Symbol Condition Min. Typ. Max. Unit DC Forward Voltage VF IF=20mA 1.8 2.1 2.6 V DC Reverse Current IR VR=5V - - 10 µA Domi. Wavelength* λD IF=20mA 620 625 630 nm Luminous Intensity* Iv IF=20mA 750 1000 - mcd 50% Power Angle 2θ1/2 IF=20mA - 120 - deg *1 Tolerance of dominant wavelength is +1nm *2 Tolerance of luminous intensity is +15% LED & Application Technologies Rth(J-a)=450°C/W Rth(J-a)=350°C/W Rth(J-a)=250°C/W 70 50 30 20 Maximun Permissible Forward Current Tj=115°C 40 30 20 10 0 0 10 Ta(Ambient Temperature -°C) 40 60 80 90 70 60 50 |
유사한 부품 번호 - OSR5MAS1C1A_11 |
|
유사한 설명 - OSR5MAS1C1A_11 |