| 전자부품 데이터시트 검색엔진 |
|
2SC1623L-X-AE3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SC1623L-X-AE3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SC1623 Preliminary NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 2 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R206-100.a AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD DESCRIPTION The UTC 2SC1623 is a NPN silicon transistor using UTC’s advanced technology to provide customers with high DC current gain and high breakdown voltage. The UTC 2SC1623 is usually used in audio frequency general purpose amplifier. FEATURES * High breakdown Voltage * High DC Current Gain SOT-23 1 2 3 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SC1623L-x-AE3-R 2SC1623G-x-AE3-R SOT-23 E B C Tape Reel Note: Pin Assignment: E: Emitter B: Base C: Collector (1) R: Tape Reel (2) AE3: SOT-23 (3) x: refer to Classification of hFE (4) G: Halogen Free, L: Lead Free 2SC1623L-x-AE3-R (1) Packing Type (2) Package Type (3) (4) Lead Free |
유사한 부품 번호 - 2SC1623L-X-AE3-R |
|
유사한 설명 - 2SC1623L-X-AE3-R |