| 전자부품 데이터시트 검색엔진 |
|
DTD143EG-AE3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
DTD143EG-AE3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD DTD143E NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R206-084,C DIGITAL TRANSISTORS (BUILT- IN RESISTORS) FEATURES * Built-in bias resistors that implies easy ON/OFF applications. * The bias resistors are thin-film resistors with complete isolation to allow positive input. EQUIVALENT CIRCUIT SOT-323 1 2 3 SOT-23 1 2 3 TO-92 1 ORDERING INFORMATION Order Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 DTD143EL-AE3-R DTD143EG-AE3-R SOT-23 G I O Tape Reel DTD143EL-AL3-R DTD143EG-AE3-R SOT-323 G I O Tape Reel DTD143EL-T92-B DTD143EG-T92-B TO-92 G O I Tape Box DTD143EL-T92-K DTD143EG-T92-K TO-92 G O I Bulk DTD143EL-T92-R DTD143EG-T92-R TO-92 G O I Tape Reel MARKING(FOR SOT-23/SOT-323 PACKAGE) DE3E E: Lead Free E: Halogen Free |
유사한 부품 번호 - DTD143EG-AE3-R |
|
유사한 설명 - DTD143EG-AE3-R |