| 전자부품 데이터시트 검색엔진 |
|
HJ44H11G-TN3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
HJ44H11G-TN3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD HJ44H11 NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R209-024.D NPN EPITAXIAL PLANAR TRANSISTOR DESCRIPTION The UTC HJ44H11 is designed for such applications as: series, shunt and switching regulators; output and driver stages of amplifiers operating at frequencies from DC to greater than 1MHz; low and high frequency inverters/converters; and many others. ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 HJ44H11L-AA3-R HJ44H11G-AA3-R SOT-223 B C E Tape Reel HJ44H11L-TA3-T HJ44H11G-TA3-T TO-220 B C E Tube HJ44H11L-TN3-R HJ44H11G-TN3-R TO-252 B C E Tape Reel HJ44H11L-TN3-T HJ44H11G-TN3-T TO-252 B C E Tube |
유사한 부품 번호 - HJ44H11G-TN3-R |
|
유사한 설명 - HJ44H11G-TN3-R |