| 전자부품 데이터시트 검색엔진 |
|
RXXLD20G-TN3-R 데이터시트(PDF) 6 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
RXXLD20G-TN3-R 데이터시트(HTML) 6 Page - Unisonic Technologies |
|
6 / 10 page ![]() RXXLD20 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 6 of 10 www.unisonic.com.tw QW-R102-015.F TEST CIRCUITS Note : ○: TO-220F-4, ( ): TO-220B Fig.1 1 4 3 2 V + + Fig.2 For Ripple Rejection VIN 0.33μF 47μF Io RL ei eo f=120Hz ei=0.5Vrms VIN=5V(R33LD20) 5.5V(R35LD20) 7V(R05LD20) 8V(R06LD20) 11V(R09LD20) 14V(R12LD20) Io=0.5A RR=20log (ei/eo) (2) (3) (5) (4) TYPICAL APPLICATION |