전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA8227APL-S20-R 데이터시트(PDF) 6 Page - Unisonic Technologies

부품명 TA8227APL-S20-R
상세설명  LOW FREQUENCY POWER AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TA8227APL-S20-R 데이터시트(HTML) 6 Page - Unisonic Technologies

Back Button TA8227APL-S20-R Datasheet HTML 2Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 3Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 4Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 5Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 6Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 7Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 8Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 9Page - Unisonic Technologies TA8227APL-S20-R Datasheet HTML 10Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TA8227AP
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 10
www.unisonic.com.tw
QW-R107-021,D
TEST CIRCUIT
Note 1: This IC can be used without coupling capacitor (CIN). If volume slide noise noise occurred by input offset
voltage is undesirable, it needs to use the capacitor (CIN).
Note 2: The condenser between the pin4 and the GND (C11) is for reducing pop noise when the power ON / OFF
switch (SW1) is set to ON / OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10