| 전자부품 데이터시트 검색엔진 |
|
BAS70L-AE3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAS70L-AE3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 4 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAS70x DIODE www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R601-017,C SCHOTTKY BARRIER DIODES DESCRIPTION Planar Schottky barrier diodes encapsulated in the SOT-23 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low Turn-on voltage * Fast switching * Ultra-small surface mount package * Also available in lead free version ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BAS70L-AE3-R BAS70G-AE3-R SOT-23 x A K Tape Reel BAS70AL-AE3-R BAS70AG-AE3-R SOT-23 K1 K2 A2A1 Tape Reel BAS70CL-AE3-R BAS70CG-AE3-R SOT-23 A1 A2 K2K1 Tape Reel BAS70SL-AE3-R BAS70SG-AE3-R SOT-23 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode x:NC |
유사한 부품 번호 - BAS70L-AE3-R |
|
유사한 설명 - BAS70L-AE3-R |