| 전자부품 데이터시트 검색엔진 |
|
BAT54SL-AE3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BAT54SL-AE3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD BAT54S DIODE www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R601-046.A SCHOTTKY BARRIER (DUAL) DIODES DESCRIPTION Planar Schottky barrier diodes are encapsulated in the SOT-23 small plastic SMD package. Single diodes and dual diodes with different pin configuration are available. FEATURES * Low forward voltage * Guard ring protected * Small plastic SMD package SYMBOL 2 3 1 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 BAT54SL-AE3-R BAT54SG-AE3-R SOT-23 K1 A2 K2A1 Tape Reel Note: Pin Assignment: A: Anode K: Cathode MARKING E44 L: Lead Free G: Halogen Free |
유사한 부품 번호 - BAT54SL-AE3-R |
|
유사한 설명 - BAT54SL-AE3-R |