| 전자부품 데이터시트 검색엔진 |
|
UIC811L-X-AE2-R 데이터시트(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UIC811L-X-AE2-R 데이터시트(HTML) 5 Page - Unisonic Technologies |
|
5 / 8 page ![]() UIC811 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 8 www.unisonic.com.tw QW-R502-317.H ELECTRICAL CHARACTERISTICS(Cont.) UIC811-C (3.08V) (VCC =3.3V, TA= 25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Operating Voltage Range VCC TA =-40~+85°C 1 6 V Supply Current ICC VCC=3.3V, no load 5 10 µA Reset Voltage Threshold VTH 3.00 3.08 3.15 V Reset Timeout Period tRST 140 240 560 ms Reset Output Voltage VOH ISOURCE =500µA 2.64 V VOL VCC = VTH min, ISINK =1.2mA 0.3 V VCC>1V, ISINK =50µA, TA=-40~+85°C 0.3 V MR Input Threshold VIH 2.31 V VIL 0.825 V MR Minimum Pulse Width 10 µS MR to Reset Delay 0.5 µS MR Pull-Up Resistance 10 20 30 kΩ MR Glitch Immunity 100 ns UIC811-D (4.00V) (VCC =5V, TA= 25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Operating Voltage Range VCC TA =-40~+85°C 1 6 V Supply Current ICC VCC=5.0V, no load 5 15 µA Reset Voltage Threshold VTH 3.89 4.00 4.10 V Reset Timeout Period tRST 140 240 560 ms Reset Output Voltage VOH ISOURCE =800µA 3.5 V VOL VCC = VTH min, ISINK =3.2mA 0.4 V VCC>1V, ISINK =50µA, TA =-40~+85°C 0.3 V MR Input Threshold VIH 2.3 V VIL 0.8 V MR Minimum Pulse Width 10 µS MR to Reset Delay 0.5 µS MR Pull-Up Resistance 10 20 30 kΩ MR Glitch Immunity 100 ns UIC811-E (4.38V) (VCC =5V, TA= 25°C, unless otherwise specified) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Operating Voltage Range VCC TA =-40~+85°C 1 6 V Supply Current ICC VCC=5.0V, no load 5 15 µA Reset Voltage Threshold VTH 4.25 4.38 4.50 V Reset Timeout Period tRST 140 240 560 ms Reset Output Voltage VOH ISOURCE =800µA 3.5 V VOL VCC = VTH min, ISINK =3.2mA 0.4 V VCC>1V, ISINK =50µA, TA=-40~+85°C 0.3 V MR Input Threshold VIH 2.3 V VIL 0.8 V MR Minimum Pulse Width 10 µS MR to Reset Delay 0.5 µS MR Pull-Up Resistance 10 20 30 kΩ MR Glitch Immunity 100 ns |