전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C6084L-x-TQ2-R 데이터시트(PDF) 2 Page - Unisonic Technologies

부품명 C6084L-x-TQ2-R
상세설명  SWITCHING REGULATOR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  UTC [Unisonic Technologies]
홈페이지  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

C6084L-x-TQ2-R 데이터시트(HTML) 2 Page - Unisonic Technologies

  C6084L-x-TQ2-R Datasheet HTML 1Page - Unisonic Technologies C6084L-x-TQ2-R Datasheet HTML 2Page - Unisonic Technologies C6084L-x-TQ2-R Datasheet HTML 3Page - Unisonic Technologies C6084L-x-TQ2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
C6084
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R203-039.G
ABSOLUTE MAXIMUM RATING (TA=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
TO-220/TO-220F/TO-3P/ TO-263
VCBO
1.5
KV
TO-126
1.4
Collector-Emitter Voltage
VCEO
800
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
TO-220/TO-220F/TO-3P/ TO-263
IC
5
A
TO-126
3
TO-220/TO-220F/TO-3P/ TO-263
ICP
12
A
TO-126
6
Collector Dissipation
TO-220/ TO-263
PC
1.75
W
TO-220F
1.35
TO-126
1.25
TO-3P
3.125
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0Ω
1.0
mA
Collector Sustain Voltage
VCEO(SUS)
IC=10mA, IB=0A
800
V
Emitter Cutoff Current
IEBO
VBE=4V, IC=0A
1.0
mA
Collector-Emitter
Saturation Voltage
TO-220/TO-220F/
TO-263/TO-3P
VCE(SAT)
IC=2.7A, IB=0.54A
3
V
TO-126
IC=1.4A, IB=0.27A
3
Base-Emitter
Saturation Voltage
TO-220/ TO-220F/
TO-263/TO-3P
VBE(SAT)
IC=2.7A, IB=0.54A
1.5
V
TO-126
IC=1.4A, IB=0.27A
1.5
DC Current Gain
hFE1
VCE=5V, IC=0.5A
10
25
TO-220/TO-220F/
TO-263/TO-3P
hFE2
VCE=5V, IC=3A
5
8
TO-126
VCE=5V, IC=1.8A
5
8
Fall Time
TF
IC=1.8A, IB1=0.36A, IB2=-0.72A
0.2
µS
CLASSIFICATION OF hFE1
RANK
A
B
C
RANGE
10 ~ 15
15 ~ 20
20 ~ 25



Html Pages

1 2 3 4