| 전자부품 데이터시트 검색엔진 |
|
UT136E 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UT136E 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD UT136E Preliminary TRIAC www.unisonic.com.tw 1 of 3 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R401-017,F TRIAC DESCRIPTION Passivated, sensitive gate triacs in a plastic envelope, suitable for surface mounting, intended for use in general purpose bidirectional switching and phase control applications, where high sensitivity is required in all four quadrants. SYMBOL ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 UT136EL-x-TA3-T UT136EG-x-TA3-T TO-220 MT1 MT2 G Tube UT136EL-x-TN3-R UT136EG-x-TN3-R TO-252 MT1 MT2 G Tape Reel UT136EL-x-TN3-T UT136EG-x-TN3-T TO-252 MT1 MT2 G Tube |
유사한 설명 - UT136E |