전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPC1926 데이터시트(PDF) 4 Page - Clare, Inc.

부품명 CPC1926
상세설명  OptoMOS짰 Power SIP Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CLARE [Clare, Inc.]
홈페이지  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1926 데이터시트(HTML) 4 Page - Clare, Inc.

  CPC1926 Datasheet HTML 1Page - Clare, Inc. CPC1926 Datasheet HTML 2Page - Clare, Inc. CPC1926 Datasheet HTML 3Page - Clare, Inc. CPC1926 Datasheet HTML 4Page - Clare, Inc. CPC1926 Datasheet HTML 5Page - Clare, Inc. CPC1926 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
R05
CPC1926
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Load Voltage (V)
-1.5
-1.0
-0.5
0.5
1.0
0
1.5
1.25
1.00
0.75
0.50
0.25
0.00
-0.25
-0.50
-0.75
-1.00
-1.25
Typical Load Current vs. Load Voltage
(I
F=10mA, TA=25ºC)
Typical Load Current
vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I
F=20mA
I
F=10mA
Blocking Voltage vs. Temperature
-40
-20
0
20
40
60
80
100
300
295
290
285
280
275
270
265
260
Temperature (ºC)
Typical Leakage vs. Temperature
Measured across Pins 3 & 4
(V
L=250V)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
Temperature (ºC)
Time
10
μs 100μs 1ms 10ms 100ms 1s
10s
100s
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Energy Rating Curve
Free Air, No Heat Sink
Typical On-Resistance
vs. Temperature
(I
F=10mA, IL=100mADC)
-40
-20
0
20
40
60
80
100
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Temperature (ºC)



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com