| 전자부품 데이터시트 검색엔진 |
|
TIP32C-TN3-R 데이터시트(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP32C-TN3-R 데이터시트(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO.,LTD TIP32C PNP SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2009 Unisonic Technologies Co.,LTD QW-R209-017,C ORDERING INFORMATION Ordering Number Pin Assignment Normal Lead Free Halogen Free Package 1 2 3 Packing TIP32C-TA3-T TIP32CL-TA3-T TIP32CG-TA3-T TO-220 B C E Tube TIP32C-TN3-R TIP32CL-TN3-R TIP32CG-TN3-R TO-252 B C E Tape Reel PNP EXPITAXIAL PLANAR TRANSISTOR DESCRIPTION The UTC TIP32C is a PNP epitaxial planar transistor, designed for using in general purpose amplifier and switching applications. FEATURES * Complement to TIP31C Lead-free: TIP32CL Halogen-free: TIP32CG |
유사한 부품 번호 - TIP32C-TN3-R |
|
유사한 설명 - TIP32C-TN3-R |