| 전자부품 데이터시트 검색엔진 |
|
U74AC04G-P14-R 데이터시트(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74AC04G-P14-R 데이터시트(HTML) 5 Page - Unisonic Technologies |
|
5 / 6 page ![]() U74AC04 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 5 of 6 www.unisonic.com.tw QW-R502-425.B SWITCHING CHARACTERISTICS (TA=25°С) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT tPLH 1.5 4.5 9 ns tPHL VCC=3.3±0.3V,CL=50pF, RL=500Ω 1.5 4.5 8.5 ns tPLH 1.5 4 7 ns Propagation delay from input (nA) to output(nY) tPHL VCC=5±0.5V,CL=50pF, RL=500Ω 1.5 3.5 6.5 ns OPERATING CHARACTERISTICS (TA=25°С) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Power Dissipation Capacitance CPD CL=50pF, f=10MHZ 45 pF |