| 전자부품 데이터시트 검색엔진 |
|
SM6-24-RTC 데이터시트(PDF) 1 Page - PowerVolt Inc. |
|
|
|||||||||||||||||||||||||||||
SM6-24-RTC 데이터시트(HTML) 1 Page - PowerVolt Inc. |
|
1 / 2 page ![]() Slot Machine Transformers Series: SM • Especially designed for Pachislo, Pachinko and domestic slot- machines • 5Amp, 6Amp and 8Amp models • Thermal cut-out protects from short-circuit or overload - One-shot thermal cut-out (TCO) - Auto-resetable thermal cut-out (RTCO) • UL, CSA and CE pending Transformer is the "heart" of your game. It must provide enough power for the machine to operate with bright lights and good quality sounds. Under normal operation, transformer should never over heat. The conservative design of our series SM transformers assures you of best performance. Schematics In case of abnormal operation such as overload or short circuit in the game, the models fitted with thermal cut-out will protect against any damage. With one-shot cut-out, the transformer must be replaced, after it trips. However, the resetable cut-out will reset automatically after the transformer cools down and the game is ready to play again within a few minutes. Designed and manufactured in Illinois/USA, we have complete control on quality and on-time delivery. Standard Models DIMENSIONS Part Number Input Volts Output Volts Current Amps L W H ML MW WGT Lbs SM 5-24 115 24 5 4.031" 2.25" 2.563" 3.563" - 2.75 SM 6-24 SM 6-24-TC SM 6-24-RTC 115 24 6 2.81" 2.87" 3.37" 2.25" 2.50" 4.1 SM 8-24 SM 8-24-TC SM 8-24-RTC 115 24 8 3.12" 2.87" 3.75" 2.50" 2.50" 5.5 TC: One-shot thermal cut-out; RTC: Auto-resetable thermal cut-out. 300 Factory Road, Addison IL 60101 Phone: (630) 628-9999 Fax: (630) 628-9922 WWW.POWERVOLT.COM |
유사한 부품 번호 - SM6-24-RTC |
|
유사한 설명 - SM6-24-RTC |