전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPDERT5V0U-HF 데이터시트(PDF) 3 Page - Comchip Technology

부품명 CPDERT5V0U-HF
상세설명  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDERT5V0U-HF 데이터시트(HTML) 3 Page - Comchip Technology

  CPDERT5V0U-HF Datasheet HTML 1Page - Comchip Technology CPDERT5V0U-HF Datasheet HTML 2Page - Comchip Technology CPDERT5V0U-HF Datasheet HTML 3Page - Comchip Technology CPDERT5V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Comchip Technology CO., LTD.
SMD ESD Protection Diode
Page 3
QW-G7013
REV:B
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
D1
D2
D
W1
T
C
Direction of Feed
Reel Taping Specification
Polarity
B
C
d
D
D2
D1
E
F
P
P0
P1
T
SYMBOL
A
W
W1
(mm)
(inch)
0.035 0.004
±
0.057 0.004
±
0.024 0.004
±
0.061 0.004
±
7.008 0.04
±
2.362 MIN.
0.512 0.008
±
SYMBOL
(mm)
(inch)
0.069 0.004
±
0.138 0.002
±
0.157 0.004
±
0.157 0.004
±
0.079 0.004
±
0.009 0.002
±
0.315 0.008
±
0.531 MAX.
0.90
0.10
±
1.46
0.10
±
4.00
0.10
±
1.55
0.10
±
3.50
0.05
±
1.75
0.10
±
60.0 MIN.
13.0
0.20
±
0.60
0.10
±
4.00
0.10
±
2.00
0.10
±
0.22
0.05
±
8.00
0.20
±
13.5 MAX.
178 1
±
Polarity
Index hole
d
E
F
B
W
P
P0
P1
A
Comchip
S M D D i o d e S p e c i a l i s t
0503
(SOD-723F)
0503
(SOD-723F)



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com