전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPDF24V0U-HF 데이터시트(PDF) 1 Page - Comchip Technology

부품명 CPDF24V0U-HF
상세설명  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDF24V0U-HF 데이터시트(HTML) 1 Page - Comchip Technology

  CPDF24V0U-HF Datasheet HTML 1Page - Comchip Technology CPDF24V0U-HF Datasheet HTML 2Page - Comchip Technology CPDF24V0U-HF Datasheet HTML 3Page - Comchip Technology CPDF24V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CPDF24V0U-HF
SMD ESD Protection Diode
Page 1
QW-G7031
REV:A
Features
- Uni-directional ESD protection
- Surface mount package.
- High component density.
Mechanical data
- Case: 1005/SOD-323F Standard package ,
molded plastic.
- Terminals: Gold plated, solderable per
MIL-STD-750, method 2026.
- Marking Code: Cathode band & E24
- Mounting position: Any.
- Weight: 0.006 gram (approx.).
Comchip Technology CO., LTD.
0.102(2.60)
0.095(2.40)
0.020(0.50) Typ.
0.051(1.30)
0.043(1.10)
0.035(0.90)
0.027(0.70)
Dimensions in inches and (millimeter)
0.012 (0.30) Typ.
0.040(1.00) Typ.
Maximum Rating AND Electrical Characteristics
O
(at TA=25 C unless otherwise noted)
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Forward voltage
VF
V
IF = 10mA
0.8
Junction capacitance
Diode breakdown voltage
VBD
V
IR = 1mA
35
CT
pF
VR = 0V,f = 1MHz
26.5
Leakage current
IL
uA
VR = 24V
0.25
Peak pulse power
PPP
W
150
Operation temperature
TJ
125
OC
Clamping voltage
VC
V
IPP = 3A,TP=8/20us
50
Storage temperature
TSTG
-55
150
OC
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
20
15
ESD capability
Comchip
S M D D i o d e S p e c i a l i s t
1005/SOD-323F
RoHS Device
Halogen Free
1.2


유사한 부품 번호 - CPDF24V0U-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CPDF24V COMCHIP-CPDF24V Datasheet
54Kb / 1P
SMD ESD Protection Diode
CPDF24V-HF COMCHIP-CPDF24V-HF Datasheet
189Kb / 4P
SMD ESD Protection Diode
More results

유사한 설명 - CPDF24V0U-HF

제조업체부품명데이터시트상세설명
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com