전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CPDTR035V0U-HF 데이터시트(PDF) 4 Page - Comchip Technology

부품명 CPDTR035V0U-HF
상세설명  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  COMCHIP [Comchip Technology]
홈페이지  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDTR035V0U-HF 데이터시트(HTML) 4 Page - Comchip Technology

  CPDTR035V0U-HF Datasheet HTML 1Page - Comchip Technology CPDTR035V0U-HF Datasheet HTML 2Page - Comchip Technology CPDTR035V0U-HF Datasheet HTML 3Page - Comchip Technology CPDTR035V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD ESD Protection Diode
Page 4
Comchip Technology CO., LTD.
REV:B
Marking Code
E5U
QW-G7035
Part Number
CPDTR035V0U-HF
Marking Code
E5U
Comchip
S M D D i o d e S p e c i a l i s t
Suggested PAD Layout
SIZE
(inch)
0.075
(mm)
1.90
1.10
0.90
0.043
0.035
SOT-23F-3P
1.70
0.067
E
0.80
0.031
Standard Packaging
A
B
C
D
F
0.80
0.031
Case Type
Qty Per Reel
(Pcs)
3,000
SOT-23F-3P
Reel Size
(inch)
7
E
A
C
F
B
D



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com