| 전자부품 데이터시트 검색엔진 |
|
31-212-RFX 데이터시트(PDF) 3 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
31-212-RFX 데이터시트(HTML) 3 Page - Amphenol Corporation |
|
3 / 30 page ![]() BNC Amphenol ® Specifications 107 Amphenol Corporation Tel: 800-627-7100 www.amphenolrf.com ELECTRICAL Impedance 50 ohms nominal s Frequency range 0-4 Ghz w/low reflection Voltage rating 500 volts peak Dielectric 1,500 volts rms. withstanding voltage VSWR M39012 straight connectors: 1.3 max. 0-4 GHz M39012 right angle: 1.35 max. 0-4 GHz Other (MIL-C-39012 Contact resistance: cable connectors) center contact 1.5 milliohm outer contact 0.2 milliohm Braid to body 0.1 milliohm RF leakage: - 55 dB minimum at 3 GHz Insertion loss: 0.2 dB maximum at 3 GHz Insulation resistance: 5000 megohms (min.) MECHANICAL Mating 2-stud bayonet coupling per M39012 Cable affixment All crimps: hex braid (braid or jacket) crimp. Clamps: screw-thread nut and braid clamp. Cable affixment Crimps: crimp or solder (center conductor) All others: solder only Captivated All crimps contact Others: where specified. Cable retention Crimps: 20-100 lbs. All others: 30-70 lbs. MILITARY SPECIFICATIONS MIL-C-39012 Where applicable MATERIAL Center contacts Male: brass Female: Beryllium copper or phosphor bronze. Silver or gold plated Other metal parts Brass, Nickel finish except M39012 silver. Insulators TFE; copolymer of styrene, glass-TFE (hermetically sealed) Clamp gaskets Synthetic rubber, Silicone rubber Crimp ferrule Copper / Brass ENVIRONMENTAL Temperature range TFE insulators: - 65°C to + 165°C Copolymer of Styrene: - 55°C to + 85°C Weatherproof Clamps with clamp gaskets. Crimps with heat-shrink tubing. Hermetic seals Pass helium leak test of 2 X 10-8 cc/sec Shock MIL-Std. 202 method 202 Vibration MIL-Std. 202 method 204 (test cond. D) Moisture resistance MIL-Std. 202 method 106 Corrosion MIL-Std. 202 method 101 (test cond. B) Temperature MIL-Std. 202 method cycling 102 (test cond. D) Altitude MIL-Std. 202 method 105 (test cond. C) NOTE: These characteristics are typical and may not apply to all connectors. s Also see 75 ohm BNC connectors in the following section .078 MIN 55 /65 1 /4 .081/.087 .052/.054 .025 MAX .210/.230 .208/.228 .006 MIN .003 MIN Å.322 MAX .385/.390 .190 MIN REF PLANE .081/.087 .195 .414 MIN .188/.208 .186/.206 .327/.335 .204/.208 .006 MAX .075/.081 .015/.030 .432/.436 .378/.382 .346/.356 .327/.333 .319/.321 .256 MAX .186 MAX MIN REF PLANE JACK PLUG .081/.087 .195 MIN |