| 전자부품 데이터시트 검색엔진 |
|
31-317-RFX 데이터시트(PDF) 20 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
31-317-RFX 데이터시트(HTML) 20 Page - Amphenol Corporation |
|
20 / 30 page ![]() BNC 75 ohm Amphenol ® Specifications 124 Amphenol Corporation Tel: 800-627-7100 www.amphenolrf.com ELECTRICAL Impedance 75 ohms nominal Frequency range 0-4 GHz Voltage rating 500 volts rms Dielectric 1,500 volts rms. withstanding voltage Insulation resistance 5,000 megohms min. VSWR Type 1: 1.5 + 0.1 f(GHz) DC to 4 GHz Type 2: 1.00 + 0.25 f(GHz) DC to 1 GHz MECHANICAL Mating 2-stud bayonet lock Cable affixment Crimp-Crimp MATERIAL Body, Brass coupling sleeve, male contact Female contact Beryllium copper or phosphor bronze Crimp ferrule Copper alloy Plating Contacts: gold Other metal parts: Nickel * These characteristics are typical and may not apply to all connectors. .003 MIN Å.322 MAX .385/.390 .228/.208 .078 MIN 55 /65 1 /4 .052/.054 .025 MAX REF PLANE .081/.087 .195 MIN .081/.087 .195 .414 MIN .186/.206 .327/.335 .204/.208 .075/.081 .015/.030 .432/.436 .378/.382 .346/.356 .327/.333 .319/.321 MIN REF PLANE PLUG JACK ENVIRONMENTAL Temperature range TFE insulators: - 65°C to + 165°C Copolymer of Styrene: - 55°C to + 85°C Weatherproof Clamps with clamp gaskets. Crimps with heat-shrink tubing. Hermetic seals Pass helium leak test of 2 X 10-8 cc/sec Shock MIL-Std. 202 method 202 Vibration MIL-Std. 202 method 204 (test cond. D) Moisture resistance MIL-Std. 202 method 106 Corrosion MIL-Std. 202 method 101 (test cond. B) Temperature MIL-Std. 202 method cycling 102 (test cond. D) Altitude MIL-Std. 202 method 105 (test cond. C) |