전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9737ABBCZ 데이터시트(PDF) 47 Page - Analog Devices

부품명 AD9737ABBCZ
상세설명  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9737ABBCZ 데이터시트(HTML) 47 Page - Analog Devices

Back Button AD9737ABBCZ Datasheet HTML 43Page - Analog Devices AD9737ABBCZ Datasheet HTML 44Page - Analog Devices AD9737ABBCZ Datasheet HTML 45Page - Analog Devices AD9737ABBCZ Datasheet HTML 46Page - Analog Devices AD9737ABBCZ Datasheet HTML 47Page - Analog Devices AD9737ABBCZ Datasheet HTML 48Page - Analog Devices AD9737ABBCZ Datasheet HTML 49Page - Analog Devices AD9737ABBCZ Datasheet HTML 50Page - Analog Devices AD9737ABBCZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 47 of 64
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
Guard[4:0]
[4:0]
R/W
0x01011
Sets a guard band from the beginning and end of the Mu delay line, which
the Mu controller does not enter into unless it does not find a valid phase
outside the guard band (optimal value is Decimal 11 or 0x0B).
0x2A
MU_LOST
1
R
0x0
0 = Mu controller has not lost lock.
1 = Mu controller has lost lock.
MU_LKD
0
R
0x0
0 = Mu controller is not locked.
1= Mu controller is locked.
PART ID
Table 25. Part ID Register (PART_ID)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x35
ID[7:0]
[7:0]
R
0x24
0x24—AD9739A
0x27
0x27—AD9737A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64