| 전자부품 데이터시트 검색엔진 |
|
HBGCQQ 데이터시트(PDF) 5 Page - Dialight Corporation |
|
|
|||||||||||||||||||||||||||||
HBGCQQ 데이터시트(HTML) 5 Page - Dialight Corporation |
|
5 / 8 page ![]() 5 www.dialight.com DuroSite® Series LED High Bay Fixture Ordering Information Notes for all versions: 1 Part numbers listed in the above table are cool white. For neutral white version replace the 4th character with N Ex: HB1C4N become HB1N4N. 2 Initial fixture lumens based on temperatures up to 113°F (45°C). 3 Units meet IP-66 when installed using conduit or an IP66 approved cable gland at the 3/4 NPT. Dialight offers IP-66 approved cable glands as part of accessories HBXW2 and HBXCG. Notes for standard versions only: 4 Part numbers listed in the table above are 100-277V AC. For 347-480V AC version replace the 5th character with a 5. EX: HB1C4N (100-277VAC) becomes HB1C5N (347-480V AC). For 17,500lm, 347-480V AC versions replace 5th character becomes a T. EX: HBGCMP (100- 277V AC) becomes HBGCTP (347-480V AC). 5 Part numbers listed in the tables above come with a flat lens. For models with polycarbonate flat lens they can be ordered with a polycarbonate dome lens; replace 3rd character with a L Ex: HB2C4M becomes HBLC4M . Part Number1,4 Initial Fixture Lumens2 Wattage Lumens Per Watt UL-1598A IP-66, NEMA - 4X CSA 22.2 #250 Marine Wet Locations3 Lens5 Optical Pattern Clear Diffused Circular Aisle HBGCMP 17,500 172 101 • Tempered Glass • HBGC4P 14,500 161 90 • Tempered Glass • HB2C4P 12,000 153 78 • Polycarbonate • HB0C4P 11,500 153 75 • Polycarbonate • HB1C4N 11,500 146 79 Acrylic • HB6C4M 11,500 146 79 Acrylic • HB1C4J 11,000 146 76 Acrylic • HB2C4M 10,750 146 73 • Polycarbonate • HB5C4M 10,750 146 74 Acrylic • HB5C4T 10,750 146 74 Acrylic • HB2C4K 10,500 146 73 • Polycarbonate • HB7C4M 10,500 146 72 • Polycarbonate • HB5C4J 10,500 137 77 Acrylic • HB1C4S 10,500 137 77 Acrylic • HB3C4L 9,000 124 72 Acrylic • HBWC4L 8,750 135 65 • Polycarbonate • HB4C4L 8,500 124 69 • Polycarbonate • Occupancy Sensor High Bays HBGCQZ 17,500 172 101 • Tempered Glass • HBGC1T 14,500 161 90 • Tempered Glass • HB1C4T 11,500 146 79 Acrylic • HB6C4T 11,500 146 78 Acrylic • HB1C4S 11,000 146 76 Acrylic • HB5C4S 10,500 137 77 Acrylic • HB2C4T 10,500 146 73 • Polycarbonate • HB7C1T 10,250 146 72 • Polycarbonate • HB3C4R 9,000 124 72 Acrylic • Variable Dimming High Bays HBGCMZ 17,500 172 101 • Tempered Glass • HBGC4Z 14,500 161 90 Tempered Glass • HB1C4Y 11,500 146 79 Acrylic • HB6C4Y 11,500 146 78 Acrylic • HB5C4Y 10,750 146 74 Acrylic • HB7C4Y 10,500 146 72 • Polycarbonate • HB2C4Y 10,250 146 70 • Polycarbonate • HB2C4X 10,000 137 73 • Polycarbonate • HB3C4W 9,000 124 72 Acrylic • HB4C4W 8,500 124 69 • Polycarbonate • STEP Dimming / Occupancy Sensor High Bay HBGCQQ 17,500 172 101 • Tempered Glass • HBGC1Q 14,500 161 90 • Tempered Glass • HB1C4H 11,500 146 79 Acrylic • Variable Dimming / Occupancy Sensor High Bay HB2C1H 10,250 146 70 • Polycarbonate • |