전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC3613 데이터시트(PDF) 27 Page - Linear Technology

부품명 LTC3613
상세설명  24V, 15A Monolithic Step Down Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC3613 데이터시트(HTML) 27 Page - Linear Technology

Back Button LTC3613 Datasheet HTML 23Page - Linear Technology LTC3613 Datasheet HTML 24Page - Linear Technology LTC3613 Datasheet HTML 25Page - Linear Technology LTC3613 Datasheet HTML 26Page - Linear Technology LTC3613 Datasheet HTML 27Page - Linear Technology LTC3613 Datasheet HTML 28Page - Linear Technology LTC3613 Datasheet HTML 29Page - Linear Technology LTC3613 Datasheet HTML 30Page - Linear Technology LTC3613 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
LTC3613
27
3613fa
APPLICATIONS INFORMATION
The resulting maximum ripple current is:
ΔI
L =
1.2V
350kHz
•0.56μH
• 1–
1.2V
24V
⎛
⎝⎜
⎞
⎠⎟ ≈
5.8A
Often in high power applications, DCR current sensing is
preferred over RSENSE in order to maximize efficiency. In
order to determine the DCR filter values, first the induc-
tor manufacturer has to be chosen. For this design, the
Vishay IHLP-4040DZ-01 model is chosen with a value of
0.56μH and DCRMAX =1.8mΩ. This implies that:
VSENSE(MAX) =DCRMAXat25°C•[1+0.4%(TL(MAX)
– 25°C)] • [IOUT(MAX) – ΔIL/2]
= 1.8mΩ • [1 + 0.4% (100°C – 25°C)] •
[15A – 5.8A/2]
≈ 28.3mV
The maximum sense voltage is within the range that
LTC3613 can handle without any additional scaling. There-
fore, the DCR filter consists of a simple RC filter across
the inductor. If the C is chosen to be 0.1μF, then the R can
be calculated as:
RDCR=
L
DCRMAX •CDCR
=
0.56μH
1.8m
Ω•0.1μF
≈ 3.11k
The closest standard value is 3.09k.
The resulting value of VRNG with a 50% design margin
factor is:
VRNG = VSENSE(MAX)/0.05 • MF
= 28.3mV/0.05 • 1.5 ≈ 850mV
To generate the VRNG voltage, connect a resistive divider
from INTVCC to SGND with RDIV1 = 52.3k and RDIV2 = 10k.
Select CIN to give an RMS current rating greater than 7A
at 75°C. The output capacitor COUT is chosen for a low
ESR of 4.5mΩ to minimize output voltage changes due to
inductor ripple current and load steps. The output voltage
ripple is given as:
ΔVOUT(RIPPLE) = ΔIL(MAX) • ESR = (5.8A)(4.5mΩ)
≈ 26mV
However, a 0A to 10A load step will cause an output
change of up to:
ΔVOUT(STEP) = ΔILOAD • ESR = (10A)(4.5mΩ) = 45mV
Optional 100μF ceramic output capacitors are included to
minimize the effect of ESR and ESL in the output ripple
and to improve load step response.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the LTC3613.
• Multilayer boards with dedicated ground layers are
preferable for reduced noise and for heat sinking pur-
poses. Use wide rails and/or entire planes for VIN, VOUT
and PGND nodes for good filtering and minimal copper
loss. Flood unused areas of all layers with copper for
better heat sinking.
• Keep signal and power grounds separate except at the
point where they are shorted together. Short signal and
power ground together only at a single point with a nar-
row PCB trace (or single via in a multilayer board). All
power train components should be referenced to power
ground and all small-signal components (e.g., CITH1,
RT, CSS etc.) should be referenced to signal ground.
• Place CIN, inductor, sense resistor (if used), and primary
COUT capacitors close together in one compact area.
The SW node should be compact but be large enough
to handle the inductor currents without large copper
losses. Connect PVIN as close as possible to the (+)
plate of CIN capacitor(s) that provides the bulk of the
AC current (these are normally the ceramic capaci-
tors), and connect PGND as close as possible to the
(–) terminal of the same CIN capacitor(s). The high dI/
dt loop formed by CIN, the top MOSFET, and the bot-
tom MOSFET should have short leads and PCB trace
lengths to minimize high frequency EMI and voltage
stress from inductive ringing. The (–) terminal of the
primary COUT capacitor(s) which filter the bulk of the
inductor ripple current (these are normally the ceramic
capacitors) should also be connected close to the (–)
terminal of CIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com