| 전자부품 데이터시트 검색엔진 |
|
LTC4263 데이터시트(PDF) 27 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4263 데이터시트(HTML) 27 Page - Linear Technology |
|
27 / 32 page ![]() LTC4270/LTC4271 27 42701fb ApplicAtions inForMAtion Figure 16. LTC4270 Discharge Protection 0.22µF 0.25 S1B PORTn OUTn GATEn SENSEn AGND VEE S1B 42701 F17 –54V SMAJ58A LTC4270 0.1µF ESD/Cable Discharge Protection Ethernet ports can be subject to significant ESD events when long data cables, each potentially charged to thou- sands of volts, are plugged into the low impedance of the RJ45 jack. To protect against damage, each port requires a pair of clamp diodes; one to AGND and one to VEE (Figure 16). An additional surge suppressor is required for each LTC4270 chip from VEE to AGND. The diodes at the ports steer harmful surges into the supply rails, where they are absorbed by the surge suppressor and the VEE bypass capacitance. The surge suppressor has the additional benefit of protecting the LTC4270 from transients on the VEE supply. S1B diodes work well as port clamp diodes, and an SMAJ58A or equivalent is recommended for the VEEsurge suppressor. LAYOUT GUIDELINES Strict adherence to board layout, parts placement and routing guidelines is critical for optimal current reading accuracy, IEEE compliance, system robustness, and thermal dissipation. Refer to the DC1682A Demo Board as a layout reference. Contact LTC Applications to obtain a full set of layout guidelines, example layouts and BOMs. |