| 전자부품 데이터시트 검색엔진 |
|
1SS361LP3-7 데이터시트(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
1SS361LP3-7 데이터시트(HTML) 3 Page - Diodes Incorporated |
|
3 / 4 page ![]() 1SS361LP3 Document number: DS35233 Rev. 5 - 2 3 of 4 www.diodes.com January 2012 © Diodes Incorporated 1SS361LP3 0.0001 0.1 0.01 0.001 1 10 100 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics R 0 1 0 2 0 3 0 4 0 5 0 6 07 08 0 V , DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage R 0.2 0.4 0.6 0.8 110 100 f = 1 M H z 0 1 Package Outline Dimensions Suggested Pad Layout X3-DFN0603-2 Dim Min Max Typ A 0.27 0.35 0.30 A1 0.00 0.03 0.02 b 0.19 0.29 0.24 D 0.595 0.645 0.62 E 0.295 0.345 0.32 e - - 0.355 L 0.14 0.24 0.19 All Dimensions in mm Dimensions Value (in mm) C 0.355 X 0.230 Y 0.300 Z 0.610 Z Y (2x) X (2x) C L (2x) E b (2x) D A1 (2x) A e Bottom View |