| 전자부품 데이터시트 검색엔진 |
|
MM912IP812AMAF 데이터시트(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MM912IP812AMAF 데이터시트(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 19 page ![]() Analog Integrated Circuit Device Data Freescale Semiconductor 3 MM912_P812 PART IDENTIFICATION PART IDENTIFICATION This section provides an explanation of the part numbers and their alpha numeric breakdown. DESCRIPTION Part numbers for the chips have fields that identify the specific part configuration. You can use the values of these fields to determine the specific part you have received. FORMAT AND EXAMPLES Part numbers for a given device have the following format, followed by a device example: Table 3 - Part Numbering - Analog EMBEDDED MCU + POWER: MM 9 cc fpxxx rtv PPP RR - PM912JP812AMAF FIELDS These tables list the possible values for each field in the part number (not all combinations are valid). Table 3. Part Numbering - Analog EMBEDDED MCU + POWER FIELD DESCRIPTION VALUES MM Product Category MM = Qualified Device PM = Prototype Device 9 Memory Type 9 = Flash, OTP cc Micro Core 12 = HC12 f Memory Size I = 96 k J = 128 k p Processor Core P = S12P xxx Analog Core/Target 812 = MC33812 r Revision (default A) t Temperature Range M = -40 °C to 125 °C v Variation (default blank) PPP Package Designator AF = 100 pin LQFP-EP RR Tape and Reel Indicator R2 = Tape and Reel 13” |