전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EUP3427 데이터시트(PDF) 1 Page - Eutech Microelectronics Inc

부품명 EUP3427
상세설명  4A, Synchronous Step-Down Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EUTECH [Eutech Microelectronics Inc]
홈페이지  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3427 데이터시트(HTML) 1 Page - Eutech Microelectronics Inc

  EUP3427 Datasheet HTML 1Page - Eutech Microelectronics Inc EUP3427 Datasheet HTML 2Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EUP3427
DS3427
Ver1.0
Jul. 2011
1
4A, Synchronous Step-Down Converter
DESCRIPTION
The EUP3427 is a 1 MHz fixed frequency synchronous,
current-mode, step-down dc-dc converter capable of
providing up to 4A output current. The EUP3427
operates from an input range of 2.7V to 5.5V and
provides a regulated output voltage from 0.6V to 5V.
The internal synchronous power switch improves
efficiency and eliminates the need for an external
Schottky diode. The EUP3427 can be externally set for
either forced PWM continuous mode or pulse skipping
mode. Forced PWM operation provides very low output
ripple voltage for noise sensitive applications while
pulse skipping operation improves light load efficiency
by reducing switching loss.
The EUP3427 features short circuit and thermal
protection
circuits
to
improve
system reliability.
Internally soft-start avoids input inrush current during
startup. The EUP3427 is available in SOP-8 package
with the exposed pad and TDFN-10 package.
Typical Application Circuit
FEATURES
2.7V to 5.5V Input Voltage Range
High Efficiency up to 96%
4A Available Load Current
57/35m
Integrated PFET/NFET Switches
1MHz Switching Frequency
100% Duty Cycle Low Dropout Operation
Short Circuit and Thermal Protection
Integrated UVLO and Power Good
Excellent Line and Load Transient Response
Available in SOP-8 (EP) and TDFN-10 Packages
RoHS Compliant and 100% Lead(Pb)-Free
Halogen-Free
APPLICATIONS
High Performance DSPs, FPGAs, ASICs and
Microprocessors
Base Station, Telecom, and Networking
Equipment Power Supplies
ePC and NetPCs
Figure1. SOP-8(EP) Typical Application Circuit


유사한 부품 번호 - EUP3427

제조업체부품명데이터시트상세설명
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
More results

유사한 설명 - EUP3427

제조업체부품명데이터시트상세설명
logo
Richtek Technology Corp...
RT7264A RICHTEK-RT7264A Datasheet
394Kb / 17P
4A, 21V, 500kHz Synchronous Step-Down Converter
RT8288A RICHTEK-RT8288A Datasheet
330Kb / 14P
4A, 21V 500kHz Synchronous Step-Down Converter
RT8070 RICHTEK-RT8070 Datasheet
189Kb / 12P
4A, 2MHz, Synchronous Step-Down Converter
RT8074 RICHTEK-RT8074 Datasheet
145Kb / 10P
4A, 2MHz, Synchronous Step-Down Converter
RT8078A RICHTEK-RT8078A Datasheet
176Kb / 12P
4A, 1MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP28115 MPS-MP28115 Datasheet
333Kb / 11P
4A, 1.5MHz Synchronous Step-Down Converter
MP28251 MPS-MP28251 Datasheet
634Kb / 15P
20V, 4A Synchronous Step-Down Converter
MP28255 MPS-MP28255 Datasheet
484Kb / 14P
21V, 4A, 500kHz Synchronous Step-down Converter
logo
Eutech Microelectronics...
EUP3427A EUTECH-EUP3427A Datasheet
79Kb / 1P
4A, Synchronous Step-Down Converter
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com