전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A-CCS32-Z-SM-R 데이터시트(PDF) 1 Page - Assmann Electronics Inc.

부품명 A-CCS32-Z-SM-R
상세설명  PLCC SOCKET 32 PIN, TIN, SMT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ASSMANN [Assmann Electronics Inc.]
홈페이지  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-CCS32-Z-SM-R 데이터시트(HTML) 1 Page - Assmann Electronics Inc.

  A-CCS32-Z-SM-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - A-CCS32-Z-SM-R

제조업체부품명데이터시트상세설명
logo
Assmann Electronics Inc...
A-CCS32-Z-R ASSMANN-A-CCS32-Z-R Datasheet
334Kb / 1P
CHIP-CARRIER PLCC SOCKET
More results

유사한 설명 - A-CCS32-Z-SM-R

제조업체부품명데이터시트상세설명
logo
Assmann Electronics Inc...
A-CCS44-Z-R ASSMANN-A-CCS44-Z-R Datasheet
266Kb / 1P
PLCC SOCKET 44 PIN, TIN
A-CCS52-Z-R ASSMANN-A-CCS52-Z-R Datasheet
267Kb / 1P
PLCC SOCKET 52 PIN, TIN
A-CCS44-Z-SM-R ASSMANN-A-CCS44-Z-SM-R Datasheet
255Kb / 1P
PLCC SOCKET 44 PIN, TIN, SMT
A-CCS68-Z-R ASSMANN-A-CCS68-Z-R Datasheet
268Kb / 1P
PLCC SOCKET 68 PIN, TIN
logo
FCI connector
69802 FCI-CONNECTOR-69802 Datasheet
453Kb / 5P
PLCC SMT SOCKET
logo
List of Unclassifed Man...
PA32PL32D-YC ETC2-PA32PL32D-YC Datasheet
106Kb / 1P
32 PIN PLCC SOCKET ADAPTER
PA52-PP ETC2-PA52-PP Datasheet
36Kb / 1P
52 pin PLCC socket/52 pin PLCC plug
logo
FCI connector
69802-132PT FCI-CONNECTOR-69802-132PT Datasheet
453Kb / 5P
PLCC SMT Socket
logo
List of Unclassifed Man...
PA28-PP ETC2-PA28-PP Datasheet
33Kb / 1P
28 pin PLCC socket/28 pin PLCC plug
PA32-28 ETC2-PA32-28 Datasheet
28Kb / 1P
32 pin PLCC socket/28 pin DIP 0.6??plug
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com