전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D100J20C0GL6.J5. 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 D100J20C0GL6.J5.
상세설명  D Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D100J20C0GL6.J5. 데이터시트(HTML) 1 Page - Vishay Siliconix

  D100J20C0GL6.J5. Datasheet HTML 1Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 2Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 3Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 4Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 5Page - Vishay Siliconix D100J20C0GL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28513
40
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Capacitors with 5 mm (0.20"
) and 7.5 mm (0.30") lead spacing
MARKING
Marking indicates capacitance value and tolerance in
accordance with “EIA 198”.
The
capacitors
meet
the
essential
requirements
of
“EIA 198”. Unless stated otherwise all electrical values apply
at an ambient temperature of 25 °C ± 3 °C, at normal
atmospheric conditions.
OPERATING TEMPERATURE RANGE
Class 1, - 55 °C to + 125 °C
Class 2, - 55 °C to + 85 °C
TEMPERATURE COEFFICIENTS
Class 1, C0G (NP0); SL0
Class 2, Y5P; Z5U; Y5V; X5F
SECTIONAL SPECIFICATIONS
Class 1, IEC 60 384-8
Class 2, IEC 60 384-9
EIA 198
CLIMATIC CATEGORY
Class 1, 55/125/21
Class 2, 10/85/21, 30/85/21 and 55/85/21
FEATURES
•Low losses
• High stability
• High capacitance in small size
• Kinked (preferred) or straight leads
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Bypassing
•Coupling
• Resonant circuit
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors have inward kinked leads with a spacing of
5 mm (0.200") or 7.5 mm (0.300") and a lead length from
4 mm to 30 mm. Encapsulation is made of phenolic resin.
CAPACITANCE RANGE
Class 1, at 1 MHz, 1.2 VRMS; 10 pF to 82 pF
Class 2, at 1 kHz, 1 ± 0.2 VRMS; 100 pF to 22 000 pF
1 kHz, 1 VRMS ± 0.2 VRMS for capacitance values higher than
1000 pF
RATED DC VOLTAGE
500 V
DIELECTRIC STRENGTH
250 % of rated voltage
INSULATION RESISTANCE AT 500 VDC
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE
± 5 %; ± 10 %; ± 20 %; + 80/- 20 %
DISSIPATION FACTOR
Class 1, C
≤ 30 pF; ≤ 20 x (10/C + 0.7) x 10-4 maximum
Class 1, C > 30 pF;
≤ 0.2 %
Class 2,
≤ 3.0 %
QUICK REFERENCE DATA
DESCRIPTION
CLASS 1
(C0G (NP0),
SL0)
CLASS 2
(YP5, Z5U, Y5V, X5F)
Voltage (VDC)
500
Min. Capacitance (pF)
10
100
Max. Capacitance (pF)
82
22 000
Mounting
Through hole
Tangent
line
D
SH
F
Tangent
line
D
SH
F


유사한 부품 번호 - D100J20C0GL6.J5.

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
D100J20C0GL63J5R VISHAY-D100J20C0GL63J5R Datasheet
303Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
07-Jan-10
D100J20C0GL63L6 VISHAY-D100J20C0GL63L6 Datasheet
303Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
07-Jan-10
D100J20C0GL63L6R VISHAY-D100J20C0GL63L6R Datasheet
303Kb / 7P
Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
07-Jan-10
More results

유사한 설명 - D100J20C0GL6.J5.

제조업체부품명데이터시트상세설명
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
D Series Heatsinks
logo
Vishay Siliconix
D109C20C0KH6.J5R VISHAY-D109C20C0KH6.J5R Datasheet
326Kb / 7P
D Series
07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Shenzhen SI Semiconduct...
BLD122D SISEMIC-BLD122D Datasheet
638Kb / 7P
NPN D SERIES TRANSISTORS
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
NPN D SERIES TRANSISTORS
BLD128DA SISEMIC-BLD128DA Datasheet
312Kb / 4P
NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHP17N60D VISHAY-SIHP17N60D_V01 Datasheet
178Kb / 8P
D Series Power MOSFET
30-Apr-12
SIHU3N50DA VISHAY-SIHU3N50DA Datasheet
203Kb / 10P
D Series Power MOSFET
23-Jun-14
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
D Series Power MOSFET
02-May-16
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com