전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP4425CU 데이터시트(PDF) 13 Page - Sipex Corporation

부품명 SP4425CU
상세설명  Electroluminescent Lamp Driver Low Voltage Applications
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4425CU 데이터시트(HTML) 13 Page - Sipex Corporation

Back Button SP4425CU Datasheet HTML 6Page - Sipex Corporation SP4425CU Datasheet HTML 7Page - Sipex Corporation SP4425CU Datasheet HTML 8Page - Sipex Corporation SP4425CU Datasheet HTML 9Page - Sipex Corporation SP4425CU Datasheet HTML 10Page - Sipex Corporation SP4425CU Datasheet HTML 11Page - Sipex Corporation SP4425CU Datasheet HTML 12Page - Sipex Corporation SP4425CU Datasheet HTML 13Page - Sipex Corporation SP4425CU Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SP4425DS/20
SP4425 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
13
P
W
1
0.228/0.244
0.150/0.157
0.189/0.197
0.014/0.019
0.050 BSC
0.053/0.069
SP4425CN
1
0.013
±0.005
SP4425CU
0.0256
BSC
0.118
±0.002
0.020
2
0.020
0.116
±0.004
0.034
±0.002
0.040
±0.002
0.004
±0.002
0.118
±0.002
0.118
±0.004
0.037
Ref
0.0215
±0.006
3.0˚
±3˚
R .003
12.0˚
±4˚
0.006
±0.006
0.006
±0.006
0.008
0˚ - 6˚
0.012
±0.003
0.01
12.0˚
±4˚
0.016
±0.003
0.0965
±0.003
0.116
±0.004
Pkg.
Minimum qty per reel
Standard qty per reel
Maximum qty per reel
CN
500
2500
3000
CU
500
2500
3000
95 SP4425CN per tube, no minimum quantity
50 SP4425CU per tube
NSOIC-8 13" reels: P=8mm, W=12mm
µSOIC-8 13" reels: P=8mm, W=12mm
All package dimensions in inches
8-pin NSOIC
8-pin
µSOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14