전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP483ECN 데이터시트(PDF) 10 Page - Sipex Corporation

부품명 SP483ECN
상세설명  Enhanced Low EMI Half-Duplex RS-485 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIPEX [Sipex Corporation]
홈페이지  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP483ECN 데이터시트(HTML) 10 Page - Sipex Corporation

Back Button SP483ECN Datasheet HTML 3Page - Sipex Corporation SP483ECN Datasheet HTML 4Page - Sipex Corporation SP483ECN Datasheet HTML 5Page - Sipex Corporation SP483ECN Datasheet HTML 6Page - Sipex Corporation SP483ECN Datasheet HTML 7Page - Sipex Corporation SP483ECN Datasheet HTML 8Page - Sipex Corporation SP483ECN Datasheet HTML 9Page - Sipex Corporation SP483ECN Datasheet HTML 10Page - Sipex Corporation SP483ECN Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SP483EDS/05
SP483E Low EMI Half-Duplex RS485 Transceiver
© Copyright 2000 Sipex Corporation
10
D
EH
PACKAGE: PLASTIC
SMALL OUTLINE (SOIC)
(NARROW)
DIMENSIONS (Inches)
Minimum/Maximum
(mm)
8–PIN
A
A1
Ø
L
B
e
h x 45°
A
A1
B
D
E
e
H
h
L
Ø
0.053/0.069
(1.346/1.748)
0.004/0.010
(0.102/0.249
0.014/0.019
(0.35/0.49)
0.189/0.197
(4.80/5.00)
0.150/0.157
(3.802/3.988)
0.050 BSC
(1.270 BSC)
0.228/0.244
(5.801/6.198)
0.010/0.020
(0.254/0.498)
0.016/0.050
(0.406/1.270)
0°/8°
(0°/8°)



Html Pages

1 2 3 4 5 6 7 8 9 10 11