| 전자부품 데이터시트 검색엔진 |
|
SP504MCF 데이터시트(PDF) 30 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP504MCF 데이터시트(HTML) 30 Page - Sipex Corporation |
|
30 / 31 page ![]() 30 Rev: A Date:1/27/04 SP504 Multi–Mode Serial Transceivers © Copyright 2004 Sipex Corporation 80 PIN MQFP (MS-022 BC) b e Seating Plane A1 A A L1 5°-16° 0° MIN. 0°–7° 5°-16° L A2 0.30" RAD. TYP. 0.20" RAD. TYP. c PIN 1 E1 D1 D CL E CL D2 E2 DIMENSIONS Minimum/Maximum (mm) SYMBOL A A1 A2 b D D1 D2 E E1 E2 e N 80–PIN MQFP JEDEC MS-22 (BEC) Variation MIN NOM MAX 2.45 0.00 0.25 1.80 2.00 2.20 0.22 0.40 17.20 BSC 14.00 BSC 12.35 REF 17.20 BSC 14.00 BSC 12.35 REF 0.65 BSC 80 COMMON DIMENTIONS SYMBL MIN NOM MAX c 0.11 23.00 L 0.73 0.88 1.03 L1 1.60 BASIC PACKAGE: 80 Pin MQFP |