전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B28LP-GA 데이터시트(PDF) 2 Page - Ohmite Mfg. Co.

부품명 B28LP-GA
상세설명  General Specifications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OHMITE [Ohmite Mfg. Co.]
홈페이지  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

B28LP-GA 데이터시트(HTML) 2 Page - Ohmite Mfg. Co.

  B28LP-GA Datasheet HTML 1Page - Ohmite Mfg. Co. B28LP-GA Datasheet HTML 2Page - Ohmite Mfg. Co. B28LP-GA Datasheet HTML 3Page - Ohmite Mfg. Co. B28LP-GA Datasheet HTML 4Page - Ohmite Mfg. Co. B28LP-GA Datasheet HTML 5Page - Ohmite Mfg. Co. B28LP-GA Datasheet HTML 6Page - Ohmite Mfg. Co. B28LP-GA Datasheet HTML 7Page - Ohmite Mfg. Co. B28LP-GA Datasheet HTML 8Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
www.nkk.com
A13
A
Distinctive Characteristics
Subminiature size saves space on PC boards.
Specifically developed for logic-level applications.
Antistatic superstructure, consisting of the carbon impregnated
bushing and the support bracket, prevents static discharge
to the contacts. Static electricity from an operator’s touch
travels from actuator through the bushing and bracket to
the PC board.
Locking lever mechanism offered as a toggle option.
Optional threaded, 6mm diameter bushing for
panel seal mounting meets IP65 of IEC60529
specifications (similar to NEMA 4 and 13).
Totally sealed body construction prevents
contact contamination and allows time-
and money-saving soldering and cleaning.
Epoxy sealed terminals lock out flux and
other contaminants.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased contact
stability and unparalleled logic-level reliability. (Additional
STC details in Terms & Acronyms; see Supplement section.)
.100” x .100” (2.54mm x 2.54mm) terminal spacing
conforms to standard PC board grid spacing.
Actual Size



Html Pages

1 2 3 4 5 6 7 8