| 전자부품 데이터시트 검색엔진 |
|
SP706PCN 데이터시트(PDF) 3 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP706PCN 데이터시트(HTML) 3 Page - Sipex Corporation |
|
3 / 18 page ![]() 3 Rev. 10-17-00 SP706 +3.0/ +3.3 Low Power Microprocessor Circuits © Copyright 2000 Sipex Corporation SPECIFICATIONS (continued) V cc = 2.7V to 5.5V for SP70_P/R, VCC = 3.0 to 5.5V for SP70_S, VCC = 3.15V to 5.5V for SP70_T, TA= TMIN to TMAX to TMAX, unless otherwise noted, typical at 25 °C. R E T E M A R A P. N I M. P Y T. X A MS T I N US N O I T I D N O C e g a t l o V t u p t u O O D W V H O V L O V H O V L O V x 8 . 0 C C V C C 5 . 1 - 3 . 0 4 . 0 V V ) X A M ( T S R V < C C I , V 6 . 3 < E C R U O S 0 0 5 = µA V ) X A M ( T S R V < C C I , V 6 . 3 < K N I S A m 2 . 1 = V < V 5 . 4 C C I , V 5 . 5 < E C R U O S 0 0 8 = µA V < V 5 . 4 C C I , V 5 . 5 < K N I S A m 2 . 3 = R Mt n e r r u C p U - ll u P5 2 0 0 1 0 7 0 5 2 0 5 2 0 0 6 µA R MV , V 0 = ) X A M ( T S R V < C C V 6 . 3 < V < V 5 . 4 , V 0 = R M C C V 5 . 5 < R Mt , h t d i W e s l u P R M 0 0 5 0 5 1 s n V ) X A M ( T S R V < C C V 6 . 3 < V < V 5 . 4 C C V 5 . 5 < R Md l o h s e r h T t u p n I V L I V H I V L I V H I V x 7 . 0 C C 0 . 2 6 . 0 8 . 0 V V ) X A M ( T S R V < C C V 6 . 3 < V ) X A M ( T S R V < C C V 6 . 3 < V < V 5 . 4 C C V 5 . 5 < V < V 5 . 4 C C V 5 . 5 < R Mt , y a l e D t u O t e s e R o t D M 0 5 7 0 5 2 s n V ) X A M ( T S R V < C C 2 E T O N , V 6 . 3 < V < V 5 . 4 C C 2 E T O N , V 5 . 5 < d l o h s e r h T t u p n I I F P 0 2 . 15 2 . 10 3 . 1V V C C e h t r o f V 0 . 3 = R / P _ 0 7 P S V , C C = e h t r o f V 3 . 3 T / S _ 0 7 P S g n il l a f I F P , t n e r r u C t u p n I I F P0 0 . 5 2 -1 0 . 00 0 . 5 2A n O F Pe g a t l o V t u p t u O V H O V L O V H O V L O V x 8 . 0 C C V C C 5 . 1 - 3 . 0 4 . 0 V V ) X A M ( T S R V < C C I , V 6 . 3 < E C R U O S 0 0 5 = µA V ) X A M ( T S R V < C C I , V 6 . 3 < K N I S 2 . 1 =mA V < V 5 . 4 C C I , V 5 . 5 < E C R U O S 0 0 8 = µA V < V 5 . 4 C C I , V 5 . 5 < K N I S A m 2 . 3 = |