| 전자부품 데이터시트 검색엔진 |
|
SP8530AS 데이터시트(PDF) 6 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP8530AS 데이터시트(HTML) 6 Page - Sipex Corporation |
|
6 / 12 page ![]() SP8530DS/01 SP8530 S2ADC TM - Simultaneous Sampling Analog to Digital Converter © Copyright 2000 Sipex Corporation 6 The device responds to the shut down signal asynchronously so that a conversion in progress will be interrupted and the resulting data will be erroneous. A 20 µSec delay is required between the falling edge of power down and initiation of a conversion. Layout Considerations Because of the high resolution and linearity of the SP8530 system design considerations such as ground path impedance and contact resistance become very important. To avoid introducing distortion when driving the analog inputs of these devices, the source resistance must be very low, or constant with signal level. Note that in the operating circuit there is no connection made between VDA (Pin 12) and the system power supply. This is because the analog supply pin (VDA) is connected internally to the digital supply pin (VDD) through a ten ohm resistor. This connection when combined with parallel combination of 6.8 µF tantalum and 0.1µF ceramic capacitor between VDA and analog ground, will provide some immunity to noise which resides on the system supply. To maintain maximum system accuracy, the supply connected to the VDD pin should be well isolated from digital supplies and wide load variations. To limit effects of digital switching elsewhere in a system, it often makes sense to run a separate +5V supply conductor from the supply regulator to any analog components requiring +5V including the SP8530. Noise on the power Data Format 32 bits of data are sent for each conversion. The first 16 bits are the conversion A result, which is shipped with 4 leading "0"s, and then 12 bits of data, MSB first. The second 16 bits are the conversion B result, which are also shipped with 4 leading "0"s, and then 12 bits of data, MSB first. Data changes on the falling edge of SCLK and is stable on the rising edge of SCLK. Continuous stand alone operation is obtained by holding CS low. In this mode an oscillator is connected directly to SCLK pin. The SCLK signal along with the STATUS output Signal are used to synchronize the host system with the converter's data. In this mode there is a single dead SCLK cycle between the 32nd clock of one conversion and the first clock of the following conversion for the SP8530. A clock frequency of 4 MHz the SP8530 provides a throughput rate of 121KHz. In slave mode operation, CS is brought high on each conversion so that all conversions are initiated by falling edge on CS. Figure 1. Operating Circuit 16 15 14 13 12 11 10 9 GAIN ADJUST REF OUT OFFSET ADJ. B OFFSET ADJ. A VDA VDD SHUTDOWN CS 1 2 3 4 5 6 7 8 N.C. VIN B VIN A AGND VSS SCLK DOUT STATUS SP8530 VA +5V CLOCK IN DATA OUT STATUS OUT CHIP SELECT SHUTDOWN 0.1µF 2kOhms 5kOhms 10kOhms 2kOhms 5kOhms 0.01µF* 6.8µF 0.1µF VB * Optional filter capacitor is helpful in a noisy pc board application. |