전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC5554AVR132 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 MPC5554AVR132
상세설명  Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554AVR132 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5554AVR132 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554AVR132 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 4
Overview
Freescale Semiconductor
2
The MPC5500 family of parts contains many new features coupled with high performance CMOS
technology to provide significant performance improvement over the MPC565.
The MPC5554 has two levels of memory hierarchy. The fastest accesses are to the 32-kilobytes (KB)
unified cache. The next level in the hierarchy contains the 64-KB on-chip internal SRAM and
two-megabytes (MB) internal flash memory. The internal SRAM and flash memory hold instructions and
data. The external bus interface is designed to support most of the standard memories used with the
MPC5xx family.
The complex input/output timer functions of the MPC5554 are performed by two enhanced time processor
unit (eTPU) engines. Each eTPU engine controls 32 hardware channels, providing a total of 64 hardware
channels. The eTPU has been enhanced over the TPU by providing: 24-bit timers, double-action hardware
channels, variable number of parameters per channel, angle clock hardware, and additional control and
arithmetic instructions. The eTPU is programmed using a high-level programming language.
The less complex timer functions of the MPC5554 are performed by the enhanced modular input/output
system (eMIOS). The eMIOS’ 24 hardware channels are capable of single-action, double-action,
pulse-width modulation (PWM), and modulus-counter operations. Motor control capabilities include
edge-aligned and center-aligned PWM.
Off-chip communication is performed by a suite of serial protocols including controller area networks
(FlexCANs), enhanced deserial/serial peripheral interfaces (DSPIs), and enhanced serial communications
interfaces (eSCIs). The DSPIs support pin reduction through hardware serialization and deserialization of
timer channels and general-purpose input/output (GPIOs) signals.
The MCU has an on-chip enhanced queued dual analog-to-digital converter (eQADC). 324 s40-channels.
The system integration unit (SIU) performs several chip-wide configuration functions. Pad configuration
and general-purpose input and output (GPIO) are controlled from the SIU. External interrupts and reset
control are also determined by the SIU. The internal multiplexer submodule provides multiplexing of
eQADC trigger sources, daisy chaining the DSPIs, and external interrupt signal multiplexing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58