| 전자부품 데이터시트 검색엔진 |
|
07201416 데이터시트(PDF) 85 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
07201416 데이터시트(HTML) 85 Page - Tyco Electronics |
|
85 / 85 page ![]() CWM Wire marker cards 85 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 Pre-Printed Wire and Cable Markers Ordering information Product Order Code Legend Option Package Quantity Label Width Label Height Card Width Card Height mm inches mm inches mm inches mm inches CWM-SL-# * Solid Numbers 0-99 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SL-letter * Solid Letters A - Z 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SL-color * Solid Colors 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SL-legend * Solid 2+ Digits 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-1-33 Sequential 1 - 33 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-34-66 Sequential 34 - 66 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-67-99 Sequential 67 - 99 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-A-Z Sequential A - Z 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-AA-ZZ Sequential AA - ZZ 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-a-z Sequential a - z 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-1-6 Sequential 1 - 6 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 CWM-SQ-1-18 Sequential 1 - 18 25 Cards (825 labels) 6.4 0.250 38.1 1.500 235.0 9.250 50.8 2.000 *Solid cards (SL) = 1 legend on each card. Select a single legend and add to the suffix of the product order code. *Sequential cards (SQ) = a consecutive range of alpha or numeric legends on each card, as specified in the suffix of the product order code. *Available options on product order code CWM-SL-legends are: T1, T2, T3, L1, L2, L3, GND, P1, A1, XS, PTO. Add legend suffix of order code. |