| 전자부품 데이터시트 검색엔진 |
|
SL3010 데이터시트(PDF) 3 Page - System Logic Semiconductor |
|
|
|||||||||||||||||||||||||||||
SL3010 데이터시트(HTML) 3 Page - System Logic Semiconductor |
|
3 / 8 page ![]() SL3010 System Logic Semiconductor SLS Table 1 Command matrix (X-DR) Code X-lines DR-lines Command bits no. 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 5 4 3 2 1 0 0 x x 0 0 0 0 0 0 1 x x 0 0 0 0 0 1 2 x x 0 0 0 0 1 0 3 x x 0 0 0 0 1 1 4 x x 0 0 0 1 0 0 5 x x 0 0 0 1 0 1 6 x x 0 0 0 1 1 0 7 x x 0 0 0 1 1 1 8 x x 0 0 1 0 0 0 9 x x 0 0 1 0 0 1 10 x x 0 0 1 0 1 0 11 x x 0 0 1 0 1 1 12 x x 0 0 1 1 0 0 13 x x 0 0 1 1 0 1 14 x x 0 0 1 1 1 0 15 x x 0 0 1 1 1 1 16 x x 0 1 0 0 0 0 17 x x 0 1 0 0 0 1 18 x x 0 1 0 0 1 0 19 x x 0 1 0 0 1 1 20 x x 0 1 0 1 0 0 21 x x 0 1 0 1 0 1 22 x x 0 1 0 1 1 0 23 x x 0 1 0 1 1 1 24 x x 0 1 1 0 0 0 25 x x 0 1 1 0 0 1 26 x x 0 1 1 0 1 0 27 x x 0 1 1 0 1 1 28 x x 0 1 1 1 0 0 29 x x 0 1 1 1 0 1 30 x x 0 1 1 1 1 0 31 x x 0 1 1 1 1 1 32 x x 1 0 0 0 0 0 33 x x 1 0 0 0 0 1 34 x x 1 0 0 0 1 0 35 x x 1 0 0 0 1 1 36 x x 1 0 0 1 0 0 37 x x 1 0 0 1 0 1 38 x x 1 0 0 1 1 0 39 x x 1 0 0 1 1 1 40 x x 1 0 1 0 0 0 41 x x 1 0 1 0 0 1 42 x x 1 0 1 0 1 0 43 x x 1 0 1 0 1 1 44 x x 1 0 1 1 0 0 45 x x 1 0 1 1 0 1 46 x x 1 0 1 1 1 0 47 x x 1 0 1 1 1 1 48 x x 1 1 0 0 0 0 |