전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ROE-0505S 데이터시트(PDF) 2 Page - Recom International Power

부품명 ROE-0505S
상세설명  LOW COST 1W CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RECOM [Recom International Power]
홈페이지  http://www.recom-international.com
Logo RECOM - Recom International Power

ROE-0505S 데이터시트(HTML) 2 Page - Recom International Power

  ROE-0505S Datasheet HTML 1Page - Recom International Power ROE-0505S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
2
REV:0/2012
ROE Series
ECONOLINE
DC/DC-Converter
ROE-0505S
Typical Characteristics
Package Style and Pinning
3rd angle
projection
Pin Connections
Pin #
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
Unit:
mm
Tolerance:
± 0.25 mm
25
20
15
10
5
0
-5
-10
0 10 20 30 40 50 60 70 80 90 100
Deviation/Load
Load %
100
90
80
70
60
50
40
30
20
10
0
010 20 30 40 50 60 70 80 90 100
Efficiency/Load
Load %
6.00
BOTTOM VIEW
12
3
4
11.50
10.00
0.50
RECOM
ROE-0505S
1208 Pb
1
23
4
4.10
7.62
2.54
2.54
2.54
Single SIP 4PIN Package
1.00 +0.15/-0



Html Pages

1 2