전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC0804 데이터시트(PDF) 8 Page - Texas Instruments

부품명 ADC0804
상세설명  ADC0801/ADC0802/ADC0803/ADC0804/ADC0805 8-Bit 關P Compatible A/D Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804 데이터시트(HTML) 8 Page - Texas Instruments

Back Button ADC0804 Datasheet HTML 4Page - Texas Instruments ADC0804 Datasheet HTML 5Page - Texas Instruments ADC0804 Datasheet HTML 6Page - Texas Instruments ADC0804 Datasheet HTML 7Page - Texas Instruments ADC0804 Datasheet HTML 8Page - Texas Instruments ADC0804 Datasheet HTML 9Page - Texas Instruments ADC0804 Datasheet HTML 10Page - Texas Instruments ADC0804 Datasheet HTML 11Page - Texas Instruments ADC0804 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Timing Diagrams (All timing is measured from the 50% voltage points) (Continued)
Typical Applications
Output Enable and Reset with INTR
DS005671-52
Note: Read strobe must occur 8 clock periods (8/fCLK) after assertion of interrupt to guarantee reset of INTR .
6800 Interface
DS005671-53
Ratiometeric with Full-Scale Adjust
DS005671-54
Note: before using caps at VIN or VREF/2,
see section 2.3.2 Input Bypass Capacitors.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43