전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AFE4300 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 AFE4300
상세설명  Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

AFE4300 데이터시트(HTML) 10 Page - Texas Instruments

Back Button AFE4300 Datasheet HTML 6Page - Texas Instruments AFE4300 Datasheet HTML 7Page - Texas Instruments AFE4300 Datasheet HTML 8Page - Texas Instruments AFE4300 Datasheet HTML 9Page - Texas Instruments AFE4300 Datasheet HTML 10Page - Texas Instruments AFE4300 Datasheet HTML 11Page - Texas Instruments AFE4300 Datasheet HTML 12Page - Texas Instruments AFE4300 Datasheet HTML 13Page - Texas Instruments AFE4300 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
````
OPAMP1
DDS
R1
DAC 6bit
1MSPS
2
nd order
150KHz
LPF
R
R
2R
2R
External clock
REF
100K
100k
80k
80k
80k, 160k, 240k, 320k
80k, 160k, 240k, 320k
Current
DAC 6bit
VREF
+/-
6.5uA
A+
A-
BODY COMPOSITION METER
WEIGHT SCALE
ADC_REF_SEL
16[6:5]
PERIPHERAL_SEL
16[4:0]
5
5K
I/Q DEMODULATOR
OR
FULL-WAVE RECTIFIER
I
Q
Clock
Divider
1
0
WS_PDB
9[0]
BCM_PDB
9[1]
DAC_PD
9[3]
1
ISW_MUX
10[15:0]
VSW_MUX
11[15:0]
1
IQ_MODE_ENABLE
12[11]
IQ_DEMOD_CLK_DIV_FAC
15[13:11]
I/Q_DEMOD_CLK
WS_PGA_GAIN
13[14:13]
OFFSET_DAC_VALUE
13[5:0]
BCM_DAC_FREQ
14[9:0]
1
AVDD
LDO
AUX2
AUX1
BAT_MON_EN
15[0], 15[7]
1
0
BRIDGE_SEL
15[2:1]
BRIDGE_SEL
15[2:1]
11001
10001
01001
00000
00101
00011
AVSS
A1
A2
ADC_MEAS_MODE
1[13:11]
3
External clock
ADC
16b 860sps
ADC
REF
Clock
Divider
(
ADC_DATA_RATE
1[6:4]
16
3
1
ADC_PD
1[7]
1
ADC_CONV_MODE
1[15]
SPI
ADC_DATA_RESULT
0[15:0]
000
001
010
PDB
9[2]
D
e
c
im
a
tio
n
F
ilte
r
AVDD
VLDO
1
0
VLDO
5K
5K
5K
0.9V
1.5k +/- 15%
IOUT5
IOUT4
IOUT3
IOUT2
IOUT1
IOUT0
RP1
RP0
RN1
RN0
VSENSE5
VSENSE4
VSENSE3
VSENSE2
VSENSE1
VSENSE0
VSENSERP1
VSENSERP0
VSENSERN1
VSENSERN0
Decimation
Filter
INP_R
INM_R
RG
optional
10uF
10uF
AFE4300
SBAS586A – JUNE 2012 – REVISED JUNE 2012
www.ti.com
OVERVIEW
The AFE4300 is a low-cost, integrated front-end designed for weight scales incorporating body-composition
measurements. The AFE4300 integrates all the components typically used in a weight scale. It has two signal
chains: one for weight scale measurements and the other for body composition measurements. Both signal
chains share a 16-bit, delta-sigma converter that operates at a data rate of up to 860 SPS. This device also
integrates a reference and a low-dropout regulator (LDO) that generates a 1.7-V supply that can be used as the
excitation source for the load cells, thus simplifying ratiometric measurements. Both the signal chains use a
single DAC. The DAC is used to generate the dc signal for load-cell offset cancellation in the weight-scale chain.
The same DAC is also used to generate the sine-wave modulation signal for the body-composition signal chain.
Therefore, only one of the two signal chains can be activated at a time (using the apprpriate register bits).
Two unique features of the AFE4300 are that it provides an option for connecting up to four separate load cells,
and supports tetrapolar measurements with I/Q measurements.
Figure 6. Block Diagram
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): AFE4300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com