전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ20Z655-R1 데이터시트(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ20Z655-R1
상세설명  SBS 1.1-COMPLIANT GAS GAUGE AND PROTECTION ENABLED WITH IMPEDANCE TRACK?
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ20Z655-R1 데이터시트(HTML) 18 Page - Texas Instruments

Back Button BQ20Z655-R1 Datasheet HTML 14Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 15Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 16Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 17Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 18Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 19Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 20Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 21Page - Texas Instruments BQ20Z655-R1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
bq20z655-R1
SLUSAN9
– AUGUST 2011
www.ti.com
Table 2. SBS COMMANDS (continued)
SBS
SIZE IN
MIN
MAX
DEFAULT
MODE
NAME
FORMAT
UNIT
VALUE
CMD
BYTES
VALUE
VALUE
0x1a
R/W
SpecificationInfo
Hex
2
0x0000
0xffff
0x0031
—
0x1b
R/W
ManufactureDate
Unsigned
2
0
65,535
0
—
integer
0x1c
R/W
SerialNumber
Hex
2
0x0000
0xffff
0x0000
—
0x20
R/W
ManufacturerName
String
20+1
—
—
Texas
—
Instruments
0x21
R/W
DeviceName
String
20+1
—
—
bq20z655-R1
—
0x22
R/W
DeviceChemistry
String
4+1
—
—
LION
—
0x23
R
ManufacturerData
String
14+1
—
—
—
—
0x2f
R/W
Authenticate
String
20+1
—
—
—
—
0x3c
R
CellVoltage4
Unsigned
2
0
65,535
—
mV
integer
0x3d
R
CellVoltage3
Unsigned
2
0
65,535
—
mV
integer
0x3e
R
CellVoltage2
Unsigned
2
0
65,535
—
mV
integer
0x3f
R
CellVoltage1
Unsigned
2
0
65,535
—
mV
integer
Table 3. EXTENDED SBS COMMANDS
SBS
SIZE IN
MIN
MAX
DEFAULT
MODE
NAME
FORMAT
UNIT
CMD
BYTES
VALUE
VALUE
VALUE
0x45
R
AFEData
String
11+1
—
—
—
—
0x46
R/W
FETControl
Hex
2
0x00
0xff
—
—
0x4f
R
StateOfHealth
Hex
2
0x0000
0xffff
—
%
0x51
R
SafetyStatus
Hex
2
0x0000
0xffff
—
—
0x52
R
PFAlert
Hex
2
0x0000
0xffff
—
—
0x53
R
PFStatus
Hex
2
0x0000
0xffff
—
—
0x54
R
OperationStatus
Hex
2
0x0000
0xffff
—
—
0x55
R
ChargingStatus
Hex
2
0x0000
0xffff
—
—
0x57
R
ResetData
Hex
2
0x0000
0xffff
—
—
0x58
R
WDResetData
Unsigned
2
0
65,535
—
—
integer
0x5a
R
PackVoltage
Unsigned
2
0
65,535
—
mV
integer
0x5d
R
AverageVoltage
Unsigned
2
0
65,535
—
mV
integer
0x5e
R
TS1Temperature
Integer
2
-400
1200
—
0.1
°C
0x5f
R
TS2Temperature
Integer
2
-400
1200
—
0.1
°C
0x60
R/W
UnSealKey
Hex
4
0x00000000
0xffffffff
—
—
0x61
R/W
FullAccessKey
Hex
4
0x00000000
0xffffffff
—
—
0x62
R/W
PFKey
Hex
4
0x00000000
0xffffffff
—
—
0x63
R/W
AuthenKey3
Hex
4
0x00000000
0xffffffff
—
—
0x64
R/W
AuthenKey2
Hex
4
0x00000000
0xffffffff
—
—
0x65
R/W
AuthenKey1
Hex
4
0x00000000
0xffffffff
—
—
0x66
R/W
AuthenKey0
Hex
4
0x00000000
0xffffffff
—
—
0x68
R
SafetyAlert2
Hex
2
0x0000
0x000f
—
—
0x69
R
SafetyStatus2
Hex
2
0x0000
0x000f
—
—
0x6a
R
PFAlert2
Hex
2
0x0000
0x000f
—
—
0x6b
R
PFStatus2
Hex
2
0x0000
0x000f
—
—
18
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): bq20z655-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25