전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BQ24272 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 BQ24272
상세설명  2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24272 데이터시트(HTML) 4 Page - Texas Instruments

  BQ24272 Datasheet HTML 1Page - Texas Instruments BQ24272 Datasheet HTML 2Page - Texas Instruments BQ24272 Datasheet HTML 3Page - Texas Instruments BQ24272 Datasheet HTML 4Page - Texas Instruments BQ24272 Datasheet HTML 5Page - Texas Instruments BQ24272 Datasheet HTML 6Page - Texas Instruments BQ24272 Datasheet HTML 7Page - Texas Instruments BQ24272 Datasheet HTML 8Page - Texas Instruments BQ24272 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
bq24272
SLUSB09 – JUNE 2012
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
MAX UNITS
IN voltage range
4.2
18(1)
V
VIN
IN operating range
4.2
10
IIN
Input current
2.5
A
ISYS
Output current from SW, DC
3
A
Charging
2.5
IBAT
A
Discharging, using internal battery FET
2.5
TJ
Operating junction temperature range
0
125
°C
(1)
The inherent switching noise voltage spikes should not exceed the absolute maximum rating on either the BOOT or SW pins. A tight
layout minimizes switching noise.
ELECTRICAL CHARACTERISTICS
Circuit of , VUVLO < VIN < VOVP AND VIN>VBAT+VSLP, TJ = 0°C – 125°C and TJ = 25°C for typical values (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VUVLO < VIN < VOVP AND VIN > VBAT+VSLP,
15
PWM switching
mA
IIN
Input quiescent current
VUVLO < VIN < VOVP AND VIN > VBAT+VSLP,
5
PWM NOT switching
0°C< TJ < 85°C, High-Z Mode
175
μA
IBATLEAK
Leakage current from BAT to the supply
0°C< TJ < 85°C, VBAT = 4.2V, VIN = 0V
5
μA
Battery discharge current in high impedance mode,
0°C< TJ < 85°C, VBAT = 4.2 V, VIN = 0 V or 5 V, High-Z
IBAT_HIZ
55
μA
(BAT, SW, SYS)
mode
POWER PATH MANAGEMENT
VSYS(REG)
VBAT < VMINSYS
3.6
3.7
3.82
V
System regulation voltage
VBATREG
VBATREG
VBATREG
VSYSREGFETOFF
Battery FET turned off, Charge disable or termination
+1.5%
+3.0%
+4.17%
VMINSYS
Minimum system regulation voltage
VBAT < VMINSYS, Input current limit or VINDPM active
3.4
3.5
3.62
V
VBAT
VBSUP1
Enter supplement mode threshold
VBAT > 2.5 V
V
–30mV
VBAT
VBSUP2
Exit supplement mode threshold
VBAT > 2.5 V
V
–10mV
ILIM(Discharge)
Current limit, discharge or supplement mode
Current monitored in internal FET only
7
A
Measured from
Deglitch Time, OUT short circuit during discharge or
tDGL(SC1)
(VBAT -VSYS) = 300 mV to
250
μs
supplement mode
VBGATE = (VBAT - 600 mV)
Recovery time, OUT short circuit during discharge or
tREC(SC1)
60
ms
supplement mode
Battery range for BGATE operation
2.5
4.5
V
BATTERY CHARGER
YFF pkg
37
57
Measured from BAT to SYS,
RON(BAT-CS+)
Internal battery charger MOSFET on-resistance
m
Ω
VBAT = 4.2V
RGE pkg
50
70
Battery regulation voltage
3.5
4.44
V
VBATREG
TA = 25°C
–0.5%
0.5%
Battery regulation voltage accuracy
Over temperature
–1%
1%
Charge current programmable range
VBATSHRT < VBAT < VBATREG
550
2000
mA
ICHARGE
Fast charge current accuracy
0°C to 125°C
–10%
10%
VBATSHRT
Battery short threshold
VBAT Rising, 100 mV Hysteresis
2.9
3.0
3.1
V
IBATSHRT
Battery short current
VBAT < VBATSHRT
50.0
mA
tDGL(BATSHRT)
Deglitch time for battery short to fast charge transition
32
ms
ICHARGE = 50 mA
–35%
35%
ITERM
Termination charge current accuracy
ICHARGE > 50 mA
–15%
15%
Both rising and falling, 2-mV over-drive,
tDGL(TERM)
Deglitch time for charge termination
32
ms
tRISE, tFALL = 100 ns
VRCH
Recharge threshold voltage
Below VBATREG
120
mV
tDGL(RCH)
Deglitch time
VBAT falling below VRCH, tFALL = 100ns
32
ms
During battery detection source cycle
3.3
VDETECT
Battery detection voltage threshold
V
During battery detection sink cycle
3.0
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :bq24272



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com