전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

COP888XG_CS 데이터시트(PDF) 3 Page - Texas Instruments

부품명 COP888XG_CS
상세설명  COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

COP888XG_CS 데이터시트(HTML) 3 Page - Texas Instruments

  COP888XG_CS Datasheet HTML 1Page - Texas Instruments COP888XG_CS Datasheet HTML 2Page - Texas Instruments COP888XG_CS Datasheet HTML 3Page - Texas Instruments COP888XG_CS Datasheet HTML 4Page - Texas Instruments COP888XG_CS Datasheet HTML 5Page - Texas Instruments COP888XG_CS Datasheet HTML 6Page - Texas Instruments COP888XG_CS Datasheet HTML 7Page - Texas Instruments COP888XG_CS Datasheet HTML 8Page - Texas Instruments COP888XG_CS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
Key Features (Continued)
Additional Peripheral Features
n
Idle Timer
n
Multi-Input Wake-Up (MIWU) with optional interrupts (8)
n
Two analog comparators (one for the CS series)
n
WATCHDOG and Clock Monitor logic
n
MICROWIRE/PLUS serial I/O
I/O Features
n
Memory mapped I/O
n
Software selectable I/O options (TRI-STATE® Output,
Push-Pull Output, Weak Pull-Up Input, High Impedance
Input)
n
Up to 8 high current outputs
n
Schmitt trigger inputs on ports G and L
n
Packages:
— 44 PQFP with 40 I/O pins
— 44 PLCC with 40 I/O pins
— 40 DIP with 36 I/O pins
— 28 DIP/SOIC with 24 I/O pins
CPU/Instruction Set Features
n
1 µs instruction cycle time
n
Versatile and easy to use instruction set
n
Up to fourteen multi-source vectored interrupts servicing
— External Interrupt with selectable edge
— Idle Timer T0
— Three Timers (one timer for the CS series)(each with
2 interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake-Up
— Software Trap
— USART (2)
— Default VIS (default interrupt)
n
8-bit Stack Pointer SP — (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
(B and X)
Fully Static CMOS
n
Two power saving modes: HALT and IDLE
n
Low current drain (typically <1 µA)
n
Single supply operation: 2.5V–5.5V (COP88x)
n
Temperature ranges:
0˚C to +70˚C, −40˚C to +85˚C, and −55˚C to +125˚C
Development Support
n
Emulation and OTP devices
n
Real time emulation and full program debug offered by
MetaLink’s Development System
Block Diagram
DS012829-1
FIGURE 1. COP888xG Block Diagram
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com