전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMA1252 데이터시트(PDF) 5 Page - Freescale Semiconductor, Inc

부품명 MMA1252
상세설명  Low-g Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA1252 데이터시트(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA1252 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA1252 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMA1252
Sensors
Freescale Semiconductor, Inc.
5
BASIC CONNECTIONS
Pinout Description
Figure 5. SOIC Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 6. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
1. Use a 0.1
F capacitor on V
DD to decouple the power
source.
2. Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
3. Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to
all of the open ended terminals shown in Figure 6.
4. Use an RC filter of 1 k
 and 0.1 F on the output of the
accelerometer to minimize clock noise (from the
switched capacitor filter circuit).
5. PCB layout of power and ground should not couple
power supply noise.
6. Accelerometer and microcontroller should not be a
high current path.
7. A/D sampling rate and any external power supply
switching frequency should be selected such that they
do not interfere with the internal accelerometer
sampling frequency. This will prevent aliasing errors.
Table 3. Pin Descriptions
Pin No.
Pin Name
Description
1 thru 3
VSS
Redundant connections to the internal
VSS and may be left unconnected.
4
VOUT
Output voltage of the accelerometer.
5
STATUS
Logic output pin to indicate fault.
6
VDD
The power supply input.
7
VSS
The power supply ground.
8
ST
Logic input pin used to initiate self-test.
9 thru 13
Trim pins
Used for factory trim. Leave
unconnected.
14 thru 16
No internal connection. Leave
unconnected.
VSS
VSS
VSS
VOUT
STATUS
VDD
VSS
ST
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
8
MMA1252
ST
VDD
VSS
VOUT
OUTPUT
SIGNAL
R1
1 k
4
C2
0.1
F
6
7
LOGIC
INPUT
VDD
C1
0.1
F
STATUS
5
3
2
1
VSS
VSS
VSS
R
R
P0
A/D In
VRH
VSS
VDD
ST
VOUT
VSS
VDD
0.1
F
1 k
0.1
F
0.1
F
Power Supply
0.1
F
P1
STATUS
C
C
C
C



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com