전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

23LC1024 데이터시트(PDF) 15 Page - Microchip Technology

부품명 23LC1024
상세설명  1Mbit SPI Serial SRAM with SDI and SQI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23LC1024 데이터시트(HTML) 15 Page - Microchip Technology

Back Button 23LC1024 Datasheet HTML 11Page - Microchip Technology 23LC1024 Datasheet HTML 12Page - Microchip Technology 23LC1024 Datasheet HTML 13Page - Microchip Technology 23LC1024 Datasheet HTML 14Page - Microchip Technology 23LC1024 Datasheet HTML 15Page - Microchip Technology 23LC1024 Datasheet HTML 16Page - Microchip Technology 23LC1024 Datasheet HTML 17Page - Microchip Technology 23LC1024 Datasheet HTML 18Page - Microchip Technology 23LC1024 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2011 Microchip Technology Inc.
Preliminary
DS25142A-page 15
23A1024/23LC1024
FIGURE 4-2:
BYTE READ MODE SDI
FIGURE 4-3:
BYTE WRITE MODE SDI
Note:
Page and Sequential mode are similar in that additional bytes can be clocked out before CS is brought high.
Note:
The first byte read after the address will be a dummy byte.
CS
9 1011
1213 14151617181920
0
2
34
56
7
1
8
0
1
0
0
14 12 10 8
64
2
22 20 18 16
0
0
1
0
0
15 13 11 9
75
3
23 21 19 17
1
24-Bit Address
Instruction
Dummy Byte
21 22 23
642
0
75
3
1
Data Out
SCK
SIO0
SIO1
Note:
Page and Sequential mode are similar in that additional bytes can be clocked in before CS is brought high.
CS
SCK
SIO0
SIO1
9
1011
12 13141516171819
0
234567
18
22 20 18 16 14 12 10
8
6
4
20
6
4
0
2
0
0
0
0
23 21 19 17 15 13 11
9
7
5
31
7
5
1
3
0
0
0
1
Instruction
24-Bit Address
Data In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32